Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1761 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1761
Description  Hi-Speed Universal Serial Bus On-The-Go controller
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1761 Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1761 Datasheet HTML 1Page - NXP Semiconductors ISP1761 Datasheet HTML 2Page - NXP Semiconductors ISP1761 Datasheet HTML 3Page - NXP Semiconductors ISP1761 Datasheet HTML 4Page - NXP Semiconductors ISP1761 Datasheet HTML 5Page - NXP Semiconductors ISP1761 Datasheet HTML 6Page - NXP Semiconductors ISP1761 Datasheet HTML 7Page - NXP Semiconductors ISP1761 Datasheet HTML 8Page - NXP Semiconductors ISP1761 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 158 page
background image
9397 750 13258
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 January 2005
5 of 158
Philips Semiconductors
ISP1761
Hi-Speed USB OTG controller
5.
Block diagram
Fig 1.
Block diagram
XTAL1
XTAL2
11
12
CLKIN
13
BUS INTERFACE:
MEMORY
MANAGEMENT
UNIT
+
SLAVE DMA
CONTROLLER
+
INTERRUPT
CONTROL
HC BUFFER
MEMORY
64 KBYTES
MEMORY ARBITER
AND FIFO
TRANSACTION
TRANSLATOR
(TT) AND RAM
OTG CONTROLLER
004aaa450
PLL
30 MHz
60 MHz
GLOBAL CONTROL
AND POWER
MANAGEMENT
DIGITAL
AND ANALOG
OVERCURRENT
PROTECTION
D[15:0]/D[31:0]
SEL16/32
REGISTERS
SUPPORT
DC BUFFER
MEMORY
8 KBYTES
ADVANCED
PHILIPS
SLAVE HOST
CONTROLLER
ADVANCED
PERIPHERAL
CONTROLLER
DYNAMIC PORT ROUTING AND PORT CONTROL LOGIC
ID
37 to 39, 41 to 43,
45 to 47, 49, 51,
52, 54, 56 to 58,
60 to 62, 64 to 66,
68 to 70, 72 to 74,
76 to 78, 80
82, 84, 86, 87,
89, 91 to 93,
95 to 98,
100 to 103, 105
106
CS_N
107
RD_N
108
WR_N
112
HC_IRQ
113
DC_DREQ
111
DC_IRQ
VCC(I/O)
10, 40, 48, 59, 67,
75, 83, 94, 104, 115
ISP1761
RESET_N
HC_SUSPEND/
WAKEUP_N
122
119
DC_SUSPEND/
WAKEUP_N
120
GND
4, 8, 14, 17, 24,
31, 36, 44, 53,
55, 63, 71, 79,
88, 90, 99, 109,
121, 123
POWER-ON
RESET AND
VBAT ON
5 V-TO-1.8 V
VOLTAGE
REGULATOR
VCC(5V0)
VBAT_ON_N
5 V-TO-3.3 V
VOLTAGE
REGULATOR
VREG(3V3)
VREG(1V8)
9
6, 7
110
5, 50,
85, 118
REF5V
2
HI-SPEED
USB ATX1
DP1
DM1
PSW1_N
OC1_N/
VBUS
PSW2_N
OC2_N
PSW3_N
OC3_N
HI-SPEED
USB ATX2
HI-SPEED
USB ATX3
DP2
DM2
DP3
DM3
20
18
27
25
21 127
19
GND
26
GND
28 128
34
32
33
GND
35 1
RREF1
16
GND
15
RREF2
23
GND
22
RREF3
30
GND
29
3
116
HC_DACK
117
DC_DACK
114
HC_DREQ
CHARGE
PUMP
124
C_B
C_A
125
126
VCC(C_IN)
A[17:1]
17


Similar Part No. - ISP1761

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761 PHILIPS-ISP1761 Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
More results

Similar Description - ISP1761

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
   Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com