Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF6614 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRF6614
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6614 Datasheet(HTML) 1 Page - International Rectifier

  IRF6614 Datasheet HTML 1Page - International Rectifier IRF6614 Datasheet HTML 2Page - International Rectifier IRF6614 Datasheet HTML 3Page - International Rectifier IRF6614 Datasheet HTML 4Page - International Rectifier IRF6614 Datasheet HTML 5Page - International Rectifier IRF6614 Datasheet HTML 6Page - International Rectifier IRF6614 Datasheet HTML 7Page - International Rectifier IRF6614 Datasheet HTML 8Page - International Rectifier IRF6614 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
11/8/04
IRF6614
DirectFET
™ Power MOSFET ‚
DirectFET
™ ISOMETRIC
ST
PD -96907A
Fig 1. Typical On-Resistance Vs. Gate Voltage
Typical values (unless otherwise specified)
l Application Specific MOSFETs
l Lead and Bromide Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching above 1MHz

l Ideal for CPU Core and Telecom Synchronous
Rectification in DC-DC Converters
l Optimized for Control FET socket of Sync. Buck Converter

l Low Conduction Losses
l Compatible with existing Surface Mount Techniques

 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET MOSFETs
ƒ Repetitive rating; pulse width limited by max. junction temperature.
„ Starting TJ = 25°C, L = 0.43mH, RG = 25Ω, IAS = 10.2A.
† Surface mounted on 1 in. square Cu board, steady state.
‰ TC measured with thermocouple mounted to top (Drain) of part.
Notes:
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

SQ
SX
ST
MQ
MX
MT
Description
The IRF6614 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or
convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes.
The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal
resistance by 80%.
The IRF6614 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest genera-
tion of processors operating at higher frequencies. The IRF6614 has been optimized for parameters that are critical in synchronous
buck operating from 12 volt buss converters including Rds(on) and gate charge to minimize losses in the control FET socket.
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
h
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
h
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
k
IDM
Pulsed Drain Current
e
EAS
Single Pulse Avalanche Energy
f
mJ
IAR
Avalanche Current
Ãe
A
10.2
Max.
10.1
55
102
±20
40
12.7
22
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
4
8
12
16
20
TJ = 25°C
TJ = 125°C
ID = 12.7A
0
102030
4050
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 32V
VDS= 20V
ID= 10.2A
VDSS
VGS
RDS(on)
RDS(on)
40V max ±20V max 5.9m
Ω@ 10V 7.1mΩ@ 4.5V
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
19nC
6.0nC
1.4nC
5.5nC
9.5nC
1.8V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF6678 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6611 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6619 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6635 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6646 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6633 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6621 The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance 1  2  3  4  5  More International Rectifier
IRF6645 DirectFET Power MOSFET Typical calues unless otherwise specified 1  2  3  4  5  More International Rectifier
IRF6648 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6662 DirectFet Power MOSFET Typical values unless otherwise specified 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn