Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRF6614 Datasheet(PDF) 6 Page - International Rectifier

Part No. IRF6614
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6614 Datasheet(HTML) 6 Page - International Rectifier

  IRF6614 Datasheet HTML 1Page - International Rectifier IRF6614 Datasheet HTML 2Page - International Rectifier IRF6614 Datasheet HTML 3Page - International Rectifier IRF6614 Datasheet HTML 4Page - International Rectifier IRF6614 Datasheet HTML 5Page - International Rectifier IRF6614 Datasheet HTML 6Page - International Rectifier IRF6614 Datasheet HTML 7Page - International Rectifier IRF6614 Datasheet HTML 8Page - International Rectifier IRF6614 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6614
6
www.irf.com
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 16c. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 16b. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 17a. Switching Time Test Circuit
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF6678 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6611 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6619 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6635 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6646 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6633 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6621 The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance 1  2  3  4  5  More International Rectifier
IRF6645 DirectFET Power MOSFET Typical calues unless otherwise specified 1  2  3  4  5  More International Rectifier
IRF6648 DirectFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF6662 DirectFet Power MOSFET Typical values unless otherwise specified 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn