Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFE201208S-1R5M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DFE201208S-1R5M
Description  Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DFE201208S-1R5M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DFE201208S-1R5M_18 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DFE201208S-1R5M_18 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
2.0 ±0.3mm
W size
1.2 ±0.2mm
T size
0.8 mm
Size code in inch (mm)
0805 (2012)
Rated current (Isat) is specified when the decrease of the initial
inductance value at 30%. (The ambient reference temperature is 20℃.)
Rated current (Itemp) is specified when temperature of inductor the is
raised 40℃ by DC current. (The ambient reference temperature is 20℃.)
Packaging
code
Specifications
Minimum quantity
=P2
φ
180mm Embossed taping
3000
Mass (Typ.)
1 piece
0.0114g
Inductance
1.5µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
2300mA
Rated current (Itemp) (Based on Temperature rise)
1800mA
Max. of DC resistance
0.120Ω
Operating temperature range (Self-temperature rise is included)
-40〜125℃
Class of magnetic shield
Metal Alloy
Absolute maximum voltage
20V DC
Series
DFE201208S
DFE201208S-1R5M# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
DFE201208S-1R5M=P2
Shape
Notes
References
Specifications
Last updated: 2018/05/21
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/


Similar Part No. - DFE201208S-1R5M_18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE201208S-1R5M# MURATA-DFE201208S-1R5M# Datasheet
999Kb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results

Similar Description - DFE201208S-1R5M_18

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE201612R-H-1R5M MURATA-DFE201612R-H-1R5M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201210S-2R2M MURATA-DFE201210S-2R2M_18 Datasheet
998Kb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201612E-R47M MURATA-DFE201612E-R47M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252007F-1R0M MURATA-DFE252007F-1R0M_18 Datasheet
999Kb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008C-3R3M MURATA-DFE252008C-3R3M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008C-R47M MURATA-DFE252008C-R47M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008U-1R5M MURATA-DFE252008U-1R5M_18 Datasheet
495Kb / 1P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008U-2R2M MURATA-DFE252008U-2R2M_18 Datasheet
494Kb / 1P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008U-4R7M MURATA-DFE252008U-4R7M_18 Datasheet
495Kb / 1P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252010F-R68M MURATA-DFE252010F-R68M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%.
1276AS-H-4R7M MURATA-1276AS-H-4R7M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com