Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8646S Datasheet(PDF) 2 Page - Linear Technology

Part # LT8646S
Description  65V, 8A Synchronous Step-Down Silent Switcher 2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8646S Datasheet(HTML) 2 Page - Linear Technology

  LT8646S Datasheet HTML 1Page - Linear Technology LT8646S Datasheet HTML 2Page - Linear Technology LT8646S Datasheet HTML 3Page - Linear Technology LT8646S Datasheet HTML 4Page - Linear Technology LT8646S Datasheet HTML 5Page - Linear Technology LT8646S Datasheet HTML 6Page - Linear Technology LT8646S Datasheet HTML 7Page - Linear Technology LT8646S Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc2660af
DEMO MANUAL DC2660A
DESCRIPTION
Figure 1. LT8646S Demo Circuit DC2660A Efficiency
vs Load Current (Input from VIN Terminal)
Figure 2. LT8646S Demo Circuit DC2660A Case Temperature
Rising vs Input Voltage (2MHz)
Figure 3. LT8646S Demo Circuit DC2660A Case Temperature
Rising vs Input Voltage (500kHz)
POWER LOSS
VOUT = 5V
fSW = 2MHz
SYNC/MODE = GND
EFFICIENCY
VIN=12V
VIN=24V
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
60
65
70
75
80
85
90
95
100
0
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
DC2660A F01
IOUT = 8A
IOUT = 6A
IOUT = 4A
INPUT VOLTAGE (V)
12
18
24
30
36
42
48
54
60
0
10
20
30
40
50
60
70
80
90
100
DC2660A F02
VOUT = 5V
fSW = 2MHz
IOUT = 8A
IOUT = 6A
IOUT = 4A
INPUT VOLTAGE (V)
12
18
24
30
36
42
48
54
60
0
10
20
30
40
50
60
70
80
90
100
DC2660A F03
VOUT = 5V
fSW = 500kHz


Similar Part No. - LT8646S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8646S AD-LT8646S Datasheet
2Mb / 32P
   42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8646S AD-LT8646S Datasheet
2Mb / 28P
   42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8646S AD-LT8646S Datasheet
1Mb / 22P
   8V, 16A Synchronous Step-Down Silent Switcher 2
LT8646S AD-LT8646S Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8646S AD-LT8646S Datasheet
1Mb / 28P
   42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
More results

Similar Description - LT8646S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
logo
Linear Technology
LT8645S LINER-LT8645S Datasheet
453Kb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
logo
Analog Devices
LT8644S AD-LT8644S Datasheet
1Mb / 22P
   8V, 16A Synchronous Step-Down Silent Switcher 2
logo
Linear Technology
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
   42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com