Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4244 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4244
Description  High Power Infrared Emitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4244 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4244 Datasheet HTML 1Page - OSRAM GmbH SFH-4244 Datasheet HTML 2Page - OSRAM GmbH SFH-4244 Datasheet HTML 3Page - OSRAM GmbH SFH-4244 Datasheet HTML 4Page - OSRAM GmbH SFH-4244 Datasheet HTML 5Page - OSRAM GmbH SFH-4244 Datasheet HTML 6Page - OSRAM GmbH SFH-4244 Datasheet HTML 7Page - OSRAM GmbH SFH-4244 Datasheet HTML 8Page - OSRAM GmbH SFH-4244 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.4
SFH 4244
2016-08-11
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 70 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of V
F
(I
F = 70 mA, tp = 20 ms)
(typ)
TC
V
-1.3
mV / K
Temperature coefficient of wavelength
(IF = 70 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF = 70 mA, tp = 20 ms
IF = 70 mA, tp = 20 ms
IF = 500 mA, tp = 25 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 4244-P
4
8
30
SFH 4244-Q
6.3
12.5
50
SFH 4244-R
10
20
75
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 3) page 12
Irel = f(λ), TA = 25°C
Radiant Intensity 3) page 12
Ie / Ie(70 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
Parameter
Symbol
Values
Unit
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF03827
10
-2
mA
I
F
0
10
1
10
2
10
3
10
5
5
1
10
5
-1
10
5
0
10
I (70 mA)
e
I
e


Similar Part No. - SFH-4244

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
   High Power Infrared Emitter
SFH-4243 OSRAM-SFH-4243 Datasheet
420Kb / 13P
   High Power Infrared Emitter
SFH-4246 OSRAM-SFH-4246 Datasheet
197Kb / 9P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4247 OSRAM-SFH-4247 Datasheet
369Kb / 13P
   Infrared Emitter
SFH-4248 OSRAM-SFH-4248 Datasheet
447Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH-4244

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4259 OSRAM-SFH4259 Datasheet
449Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com