Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPQ3387L Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ3387L
Description  Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ3387L Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ3387L Datasheet HTML 3Page - Monolithic Power Systems MPQ3387L Datasheet HTML 4Page - Monolithic Power Systems MPQ3387L Datasheet HTML 5Page - Monolithic Power Systems MPQ3387L Datasheet HTML 6Page - Monolithic Power Systems MPQ3387L Datasheet HTML 7Page - Monolithic Power Systems MPQ3387L Datasheet HTML 8Page - Monolithic Power Systems MPQ3387L Datasheet HTML 9Page - Monolithic Power Systems MPQ3387L Datasheet HTML 10Page - Monolithic Power Systems MPQ3387L Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MPQ3387L ― STEP UP, 6STRINGS, WHITE LED DRIVER, AEC-Q100 QUALIFIED
MPQ3387L Rev. 1.01
www.MonolithicPower.com
7
10/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, 10 LEDs in series, 6 strings parallel, 20mA/string, TA = 25°C, unless otherwise noted.


Similar Part No. - MPQ3387L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
   50V, 6 String White LED Driver AEC-Q100 Qualified
MPQ3386-R MPS-MPQ3386-R Datasheet
239Kb / 6P
   6 string White LED Driver Evaluation Board AEC-Q100 Qualified
MPQ3386DR MPS-MPQ3386DR Datasheet
593Kb / 15P
   50V, 6 String White LED Driver AEC-Q100 Qualified
MPQ3386DR-AEC1 MPS-MPQ3386DR-AEC1 Datasheet
593Kb / 15P
   50V, 6 String White LED Driver AEC-Q100 Qualified
More results

Similar Description - MPQ3387L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
   Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
   Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
   50V, 6 String White LED Driver AEC-Q100 Qualified
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
   6 string White LED Driver Evaluation Board AEC-Q100 Qualified
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
   Step-up, 4-String Max 200mA/String White LED Driver
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
   Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com