Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3441 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3441
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3441 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3441 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3441 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3441
2002-02-06
5
Channel temperature (initial) Tch (°C)
EAS – Tch
rth – tw
Pulse width tw (s)
0 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 W
VDD = 25 V, L = 236 mH
÷
÷
ø
ö
ç
ç
è
æ
-
×
×
×
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Drain-source voltage VDS (V)
Safe operating area
0.01
0.00001
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.0°C/W
Duty
= 0.5
0.2
0.1
Single
0.05
0.02
0.01
600
400
300
200
100
0
25
50
75
100
125
150
500
0.1
0.1
1
10
100
1000
1
10
1000
100
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature
ID max (pulsed) *
100
ms *
1 ms *
ID max
(continuous)
DC operation
Tc
= 25°C
VDSS max


Similar Part No. - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441 Datasheet
190Kb / 6P
   DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter Applications
2SK3441 TOSHIBA-2SK3441_09 Datasheet
190Kb / 6P
   DC-DC Converter Applications
More results

Similar Description - 2SK3441

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8203 TOSHIBA-TPC8203 Datasheet
419Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
SSM3K14T TOSHIBA-SSM3K14T Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6002 TOSHIBA-TPC6002 Datasheet
158Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3442 TOSHIBA-2SK3442 Datasheet
207Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8206 TOSHIBA-TPC8206 Datasheet
223Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8204 TOSHIBA-TPC8204 Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6201 TOSHIBA-TPC6201 Datasheet
166Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC8401 TOSHIBA-TPC8401 Datasheet
750Kb / 11P
   TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII)
TPC8303 TOSHIBA-TPC8303 Datasheet
520Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
SSM6J08FU TOSHIBA-SSM6J08FU Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSII)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com