Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD-MVSG Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LD-MVSG
Description  white SMD package, colorless clear silicone resin
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-MVSG Datasheet(HTML) 3 Page - OSRAM GmbH

  LD-MVSG Datasheet HTML 1Page - OSRAM GmbH LD-MVSG Datasheet HTML 2Page - OSRAM GmbH LD-MVSG Datasheet HTML 3Page - OSRAM GmbH LD-MVSG Datasheet HTML 4Page - OSRAM GmbH LD-MVSG Datasheet HTML 5Page - OSRAM GmbH LD-MVSG Datasheet HTML 6Page - OSRAM GmbH LD-MVSG Datasheet HTML 7Page - OSRAM GmbH LD-MVSG Datasheet HTML 8Page - OSRAM GmbH LD-MVSG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.2
LD MVSG
2015-04-30
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 110
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 110
°C
Junction temperature
Sperrschichttemperatur
T
j
125
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
3 ... 30
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
I
FM
300
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV


Similar Part No. - LD-MVSG

ManufacturerPart #DatasheetDescription
logo
SICK AG
LD-MRS400001 SICK-LD-MRS400001 Datasheet
845Kb / 6P
   3D LASER SCANNERS
LD-MRS400001S01 SICK-LD-MRS400001S01 Datasheet
845Kb / 6P
   3D LASER SCANNERS
LD-MRS400102 SICK-LD-MRS400102 Datasheet
863Kb / 6P
   3D LASER SCANNERS
LD-MRS400102S01 SICK-LD-MRS400102S01 Datasheet
863Kb / 6P
   3D LASER SCANNERS
LD-MRS800001S01 SICK-LD-MRS800001S01 Datasheet
869Kb / 6P
   3D LASER SCANNERS
More results

Similar Description - LD-MVSG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LD-W5SN OSRAM-LD-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
LD-W5SM OSRAM-LD-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
   white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
   white SMD package, colorless clear silicone resin
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com