Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MEZD41503A-X Datasheet(PDF) 1 Page - Monolithic Power Systems

Part No. MEZD41503A-X
Description  2.7V - 10V Input, 3A, Step-Up Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MEZD41503A-X Datasheet(HTML) 1 Page - Monolithic Power Systems

  MEZD41503A-X Datasheet HTML 1Page - Monolithic Power Systems MEZD41503A-X Datasheet HTML 2Page - Monolithic Power Systems MEZD41503A-X Datasheet HTML 3Page - Monolithic Power Systems MEZD41503A-X Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
mEZD41503A-X Rev. 1.2
www.MonolithicPower.com
1
4/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2017 MPS. All Rights Reserved.
Part Number
Input Voltage
(V)
Output Voltage
(V)
Output Current
(A)
MEZD41503A-A
2.7 - 4.2
5
3
MEZD41503A-B
2.7 - 10
12
3
Part Number
Input Voltage
(V)
Output Voltage
(V)
Output Current
(A)
mEZD41501A-X
2.7 - 13
5, 12, 15
1
mEZD41502A-X
2.7 - 13
5, 12, 15
2
mEZD41503A-X
2.7 - 10
5, 12
3
Input Voltage Range
mEZD41503A-A
2.7V to 4.2V
mEZD41503A-B
3.7V to 10V
Output Voltage Set Accuracy
±2.2%
Output Voltage Ripple
VIN = 3.3V, VOUT = 5V, IOUT = 3A
37mV (Typ.)
VIN = 6.6V, VOUT = 12V, IOUT = 3A
80mV (Typ.)
Line Regulation
VIN from MIN to MAX, IOUT = 3A
±0.2%
Load Regulation
IOUT from MIN to MAX, VIN = 6.6V
±0.5%
Efficiency
VIN = 3.3V, VOUT = 5V, IOUT = 3A
96.7%
VIN = 6.6V, VOUT = 15V, IOUT = 3A
97.2%
Switching Frequency
Typical switching frequency
600kHz
Short-Circuit Protection
No output short allowed
-
Operating Temperature Range
0 to 85°C
Over-Temperature Protection
OTP
150°C
Calculated MTBF
MIL-HDBK-217F
4185x103 hrs
FEATURES
600kHz Fixed Frequency
High Efficiency
Over-Temperature Protection
Up to 10V Input Voltage
5V, 12V Output Options
3A Continuous Output Current
Open Design Files and BOM
ORDERING INFORMATION
mEZD41503A-X
2.7V - 10V Input, 3A, Step-Up Power Supply
ELECTRICAL CHARACTERISTICS
mEZD4150xA-x FAMILY PRODUCTS
mEZ Product Options:
1.
Ready-to-Use products
2.
Do-It-Yourself.
Manufacture assistance
is provided
VIN
VOUT
3xC1A
C4
C5
C3
R1
R2
R3
C6
C2A
R4
R5
MP3429
VDD
SS
COMP
FB
OUT
OLIM
MODE
EN
VIN
U1
L1
GND
Inside mEZD41503A-X
Block Diagram


Similar Part No. - MEZD41503A-X

ManufacturerPart No.DatasheetDescription
Monolithic Power Systems
Monolithic Power System...
MEZD41503A-X MPS-MEZD41503A-X Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
More results

Similar Description - MEZD41503A-X

ManufacturerPart No.DatasheetDescription
Monolithic Power Systems
Monolithic Power System...
MEZD41502A-X MPS-MEZD41502A-X Datasheet
571Kb / 4P
   2.7V - 13V Input, 2A, Step-Up Power Supply
MEZD41501A-X MPS-MEZD41501A-X Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
DB Lectro Inc
DB Lectro Inc
SC2R7303Z DBLECTRO-SC2R7303Z Datasheet
294Kb / 2P
   2.7V/3.0F Primary or back-up power supply
Rohm
Rohm
2SC5060 ROHM-2SC5060_09 Datasheet
171Kb / 4P
   Power transistor (90-10V, 3A)
Maxim Integrated Products
Maxim Integrated Produc...
MAX1800 MAXIM-MAX1800 Datasheet
461Kb / 24P
   Digital Camera Step-Up Power Supply
19-1833; Rev 0; 10/00
ON Semiconductor
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
Maxim Integrated Products
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
Hotchip Technology Co.,Ltd
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
Linear Technology
Linear Technology
LT3436 LINER-LT3436_15 Datasheet
186Kb / 16P
   3A, 800kHz Step-Up Switching Regulator
Monolithic Power Systems
Monolithic Power System...
EV1517DR-00A MPS-EV1517DR-00A Datasheet
188Kb / 5P
   3A, 25V, 1.1MHz Step-Up Converter
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz