Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT3090 Datasheet(PDF) 4 Page - Linear Technology

Part No. LT3090
Description  –36V, 600mA Negative Linear Regulator with Programmable Current Limit
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT3090 Datasheet(HTML) 4 Page - Linear Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc1948af
DEMO MANUAL DC1948A
parts list
ITEM QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, CIN2
CAP, X7R 4.7µF 50V 10% 1206
TDK C3216X7R1H475KT
2
1
C2
CAP, X7R 0.1µF 16V 10% 0603
AVX 0603YC104KAT2A
3
1
C4
CAP, X7R 1µF 10V 10% 0603
TAIYO YUDEN LMK107BJ105KA
4
1
R1
RES, CHIP 10k 0.1W 1% 0805
VISHAY CRCW080510K0FKTA
5
1
R2
RES, CHIP 49.9k 0.1W 1% 0805
VISHAY CRCW080549K9FKTA
6
1
R4
RES, CHIP 2k 0.06W 1% 0603
VISHAY CRCW06032K00FKEA
7
1
R5
RES, CHIP 24.9k 0.06W 1% 0603
VISHAY CRCW060324K9FKEA
8
1
R6
RES, CHIP 49.9k 0.06W 1% 0603
VISHAY CRCW060349K9FKEA
9
1
R7
RES, CHIP 100k 0.06W 1% 0603
VISHAY CRCW0603100KFKEA
10
1
R8
RES, CHIP 243k 0.06W 1% 0603
VISHAY CRCW0603243KFKEA
11
1
R9
RES, CHIP 301k 0.06W 1% 0603
VISHAY CRCW0603301KFKEA
12
1
R11
RES, CHIP 1k 0.06W 1% 0603
VISHAY CRCW06031K00FKEA
13
1
R12, R14
RES, CHIP 0Ω 0.25W 5A 0603
VISHAY CRCW06030000Z0EA
14
1
U1
IC, NEGATIVE LINEAR REG DFN(10) (DD) 3mm × 3mm
LINEAR TECHNOLOGY CORPORATION LT3090EDD
Additional Demo Board Circuit Components
1
1
CIN1
CAP, ALUM 10µF 50V 10%
SUNCON 50CE10BSS
2
0
C3 (OPT)
CAP, 1206
3
0
R10, R13, R15 (OPT) RES, 0603
Hardware: For Demo Board Only
1
8
E1, E2, E3, E4, E6,
E7, E8, E9
TURRET, TESTPOINT
MILL MAX 2501-2-00-80-00-00-07-0
2
1
JP1
HEADERS, DBL ROW 2 × 2 2mm CTRS
SAMTEC TMM-102-02-L-D
3
1
JP2
HEADERS, DBL ROW 2 × 6 2mm CTRS
SAMTEC TMM-106-02-L-D
4
1
JP3
HEADERS, DBL ROW 2 × 3 2mm CTRS
SAMTEC TMM-103-02-L-D
5
1
JP4
HEADERS, 2mm CTRS
SAMTEC ASP-157349-01
6
4
XJP1, XJP2, XJP3,
XJP4
SHUNT, 2mm CTRS
SAMTEC 2SN-BK-G


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn