Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56749FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M56749FP
Description  4 CHANNEL ACTUATOR MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56749FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M56749FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56749FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56749FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56749FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56749FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56749FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4 CHANNEL ACTUATOR MOTOR
DRIVER
M56749FP
MITSUBISHI <CONTROL / DRIVER IC>
DESCRIPTION
The M56749FP is a semiconductor integrated circuit designed for a
CD-ROM actuator driver.
This device can function 4 channel actuators by 1 chip due to
include 4 channel BTL drivers.
Also, this device include a mute circuit, a Vcc check circuit and
TSD function.
FEATURES
qLower saturation voltage.
(typical 1.35V at load current 500mA)
qWide supply voltage range.
(4.5V to 13.2V)
qLower cross-over distortion.
APPLICATION
CD-ROM
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
Outline 36P2R-D
36
33
34
35
1
4
3
2
32
5
31
6
28
9
27
10
26
11
25
12
13
14
24
23
7
8
30
29
15
22
16
21
17
20
18
19
Vctl1H
VM1(-)
VM1(+)
GND
VM2(+)
VM2(-)
Vctl2H
Vbs1
Mute3ch-
Vrefm-out
Mute4ch-
Vctl1L
Vctl2L
Vm1
Vcc
-Por
VM3(+)
VM3(-)
Vctl3(+)
Vbs2
Vm2
Vctl3(-)
Vref
Vrefm
GND
Vctl4H
VM4(-)
VM4(+)
SS . GND
Vctl4L
Mute3ch-
TSD
PGND (8PIN)
SS.GND
3ch
Vctl1L
VM1(+)
VM1(-)
VM2(-)
VM2(+)
Vctl2H
Vbs2
VM3(-)
VM3(+)
Vm2
Vctl4L
VM4(+)
VM4(-)
Vctl3(-)
Vctl3(+)
+
-
-
+
CH3
+
-
CH4
CH2
CH1
+
-
Vctl2L
Vctl1H
Vref
Vrefm
4ch
Vcc
-Por
- POR
Vm1 Vbs1
Mute4ch-
Vctl4H
Vm2
Vm2
2
Vrefm-out
Mute on : Low or open
36
18
19
35
1
20
21
16
17
33
32
30
31
22
23
24
25
8
11 26
29
34
3
2
4
5
7
6
15
14
12
13
+
-
+
-
+
-
+
-
+
-
+
-
+
-
-
+
-
+
-
+


Similar Part No. - M56749FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results

Similar Description - M56749FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
   4 CHANNEL ACTUATOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
   4-CHANNEL ACTUATOR DRIVER
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com