Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLQ1608-FR12 Datasheet(PDF) 2 Page - TOKO, Inc

Part # LLQ1608-FR12
Description  Wirewound Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LLQ1608-FR12 Datasheet(HTML) 2 Page - TOKO, Inc

  LLQ1608-FR12 Datasheet HTML 1Page - TOKO, Inc LLQ1608-FR12 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
Meeting Your Needs
R-LOG1104A
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
TYPE
LLQ1608
STANDARD PARTS SELECTION GUIDE
TYPE LLQ1608
Wirewound Chip Inductors
* Add tolerance to part number: G =
±2%, J = ±5%, K = ±10%
Testing Conditions: L,Q: Agilent 4287A (Test fixture Agilent 16193A).
SRF: Agilent 8720ES.
RDC: Agilent 34420A.
IDC: Agilent 34401A.
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
c
u
d
n
I
)
.
n
i
m
(
Q
y
c
n
e
u
q
e
r
F
t
s
e
T
z
H
M
t
n
a
n
o
s
e
R
f
l
e
S
)
z
H
M
(
y
c
n
e
u
q
e
r
F
.
n
i
m
C
D
e
c
n
a
t
s
i
s
e
R
(
.
x
a
m
)
C
D
I
)
A
m
(
.
x
a
m
)
H
n
(
o
Le
c
n
a
r
e
l
o
T
*
_
6
N
1
F
-
8
0
6
1
Q
L
L6
.
1K
,
J4
20
5
20
0
5
2
10
3
0
.
00
0
7
*
_
8
N
1
F
-
8
0
6
1
Q
L
L8
.
1K
,
J6
10
5
20
0
5
2
15
4
0
.
00
0
7
*
_
6
N
3
F
-
8
0
6
1
Q
L
L6
.
3K
,
J2
20
5
20
0
9
53
6
0
.
00
0
7
*
_
9
N
3
F
-
8
0
6
1
Q
L
L9
.
3K
,
J2
20
5
20
0
9
60
8
0
.
00
0
7
*
_
3
N
4
F
-
8
0
6
1
Q
L
L3
.
4K
,
J2
20
5
20
0
9
53
6
0
.
00
0
7
*
_
7
N
4
F
-
8
0
6
1
Q
L
L7
.
4K
,
J0
20
5
20
0
8
56
1
1
.
00
0
7
*
_
1
N
5
F
-
8
0
6
1
Q
L
L1
.
5K
,
J0
20
5
20
0
7
50
4
1
.
00
0
7
*
_
8
N
6
F
-
8
0
6
1
Q
L
L8
.
6K
,
J
,
G7
20
5
20
0
8
50
1
1
.
00
0
7
*
_
5
N
7
F
-
8
0
6
1
Q
L
L5
.
7K
,
J
,
G8
20
5
20
0
8
46
0
1
.
00
0
7
*
_
7
N
8
F
-
8
0
6
1
Q
L
L7
.
8K
,
J
,
G8
20
5
20
0
6
49
0
1
.
00
0
7
*
_
5
N
9
F
-
8
0
6
1
Q
L
L5
.
9K
,
J
,
G8
20
5
20
0
4
55
3
1
.
00
0
7
*
_
N
0
1
F
-
8
0
6
1
Q
L
L0
1K
,
J
,
G1
30
5
20
0
8
40
3
1
.
00
0
7
*
_
N
1
1
F
-
8
0
6
1
Q
L
L1
1K
,
J
,
G3
30
5
20
0
0
47
0
1
.
00
0
7
*
_
N
2
1
F
-
8
0
6
1
Q
L
L2
1K
,
J
,
G5
30
5
20
0
0
40
3
1
.
00
0
7
*
_
N
5
1
F
-
8
0
6
1
Q
L
L5
1K
,
J
,
G5
30
5
20
0
0
40
7
1
.
00
0
7
*
_
N
6
1
F
-
8
0
6
1
Q
L
L6
1K
,
J
,
G4
30
5
20
0
3
34
3
1
.
00
0
7
*
_
N
8
1
F
-
8
0
6
1
Q
L
L8
1K
,
J
,
G5
30
5
20
0
1
30
7
1
.
00
0
7
*
_
N
2
2
F
-
8
0
6
1
Q
L
L2
2K
,
J
,
G8
30
5
20
0
0
30
9
1
.
00
0
7
*
_
N
4
2
F
-
8
0
6
1
Q
L
L4
2K
,
J
,
G7
30
5
20
5
6
21
6
1
.
00
0
7
*
_
N
7
2
F
-
8
0
6
1
Q
L
L7
2K
,
J
,
G0
40
5
20
0
8
20
2
2
.
00
0
6
*
_
N
0
3
F
-
8
0
6
1
Q
L
L0
3K
,
J
,
G7
30
5
20
5
2
27
8
1
.
00
0
6
*
_
N
3
3
F
-
8
0
6
1
Q
L
L3
3K
,
J
,
G0
40
5
20
0
3
20
2
2
.
00
0
6
*
_
N
6
3
F
-
8
0
6
1
Q
L
L6
3K
,
J
,
G8
30
5
20
8
0
20
5
2
.
00
0
6
*
_
N
9
3
F
-
8
0
6
1
Q
L
L9
3K
,
J
,
G0
40
5
20
0
2
20
5
2
.
00
0
6
*
_
N
3
4
F
-
8
0
6
1
Q
L
L3
4K
,
J
,
G9
30
5
20
0
0
20
8
2
.
00
0
6
*
_
N
7
4
F
-
8
0
6
1
Q
L
L7
4K
,
J
,
G8
30
0
20
0
0
20
8
2
.
00
0
6
*
_
N
6
5
F
-
8
0
6
1
Q
L
L6
5K
,
J
,
G8
30
0
20
0
9
10
1
3
.
00
0
6
*
_
N
8
6
F
-
8
0
6
1
Q
L
L8
6K
,
J
,
G7
30
0
20
0
7
10
4
3
.
00
0
6
*
_
N
2
7
F
-
8
0
6
1
Q
L
L2
7K
,
J
,
G4
30
5
10
0
7
10
9
4
.
00
0
4
*
_
N
2
8
F
-
8
0
6
1
Q
L
L2
8K
,
J
,
G4
30
5
10
0
7
10
4
5
.
00
0
4
*
_
0
1
R
F
-
8
0
6
1
Q
L
L0
0
1K
,
J
,
G4
30
5
10
0
4
10
8
5
.
00
0
4
*
_
1
1
R
F
-
8
0
6
1
Q
L
L0
1
1K
,
J
,
G2
30
5
10
5
3
10
1
6
.
00
0
3
*
_
2
1
R
F
-
8
0
6
1
Q
L
L0
2
1K
,
J
,
G2
30
5
10
0
3
10
2
7
.
00
0
3
*
_
5
1
R
F
-
8
0
6
1
Q
L
L0
5
1K
,
J
,
G8
20
5
10
9
90
2
9
.
00
8
2
*
_
8
1
R
F
-
8
0
6
1
Q
L
L0
8
1K
,
J
,
G5
20
0
10
9
95
2
.
10
4
2
*
_
2
2
R
F
-
8
0
6
1
Q
L
L0
2
2K
,
J
,
G5
20
0
10
0
90
1
.
20
0
2
*
_
7
2
R
F
-
8
0
6
1
Q
L
L0
7
2K
,
J
,
G4
20
0
10
0
90
3
.
20
7
1


Similar Part No. - LLQ1608-FR12

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608-FR12 TOKO-LLQ1608-FR12 Datasheet
154Kb / 2P
   Wire Wound Chip Inductors
More results

Similar Description - LLQ1608-FR12

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com