Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXLP-23+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-23+
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-23+ Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-23+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
0.05
0.01
49.11
0.5
26.41
5.0
0.08
0.00
41.94
1.0
26.39
10.0
0.15
0.00
27.54
2.0
26.41
20.0
0.35
0.01
24.09
4.0
26.73
23.0
0.58
0.02
27.90
5.0
27.08
24.0
1.00
0.03
13.75
6.0
27.29
25.0
2.70
0.08
5.80
8.0
28.23
25.5
4.30
0.13
3.58
9.0
28.84
26.0
6.42
0.17
2.22
10.0
29.50
27.0
11.43
0.23
0.96
12.0
31.15
29.0
22.00
0.33
0.35
12.0
31.15
31.0
32.70
0.46
0.22
14.0
33.48
34.0
53.83
1.49
0.14
16.0
36.94
50.0
74.31
2.19
0.07
18.0
41.92
100.0
61.81
0.99
0.08
19.0
45.32
200.0
71.86
1.85
0.14
20.0
49.68
300.0
62.65
1.37
0.20
22.0
65.49
400.0
59.44
1.01
0.22
23.0
76.93
500.0
68.98
1.95
0.24
25.0
86.06
REV. A
M151121
EDR-7472/1U
SXLP-23+
URJ/RAV
170124
Page 1 of 1
50Ω DC to 23 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXLP-23+
Low Pass Filter
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
CASE STYLE: HF1139
Typical Frequency Response
Functional Schematic
SXLP-23+
GROUP DELAY
20
40
60
80
100
0
5
10
15
20
25
FREQUENCY (MHz)
SXLP-23+
INSERTION LOSS
0
20
40
60
80
100
0
1
10
100
1000
FREQUENCY (MHz)
SXLP-23+
RETURN LOSS
0
10
20
30
40
50
60
0
1
10
100
1000
FREQUENCY (MHz)
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 23
25
31 - 34
34 - 500
1.5
18
RF IN
RF OUT
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
40 dB
20 dB
1 dB
3 dB
20 dB
40 dB
DC
0.9 1 1.25
1.35
20
FREQUENCY / FCO
Permanent damage may occur if any of these limits are exceeded.
Applications
• defense communications
• receivers / transmitters
• harmonic rejection
Features
• high rejection
• sharp cut-off
• shielded package
• aqueous washable
• low cost
Outline Drawing
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXLP-23+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-21.4 MINI-SXLP-21.4 Datasheet
363Kb / 1P
   Low Pass Filter
SXLP-21.4++ MINI-SXLP-21.4+ Datasheet
363Kb / 1P
   Low Pass Filter
SXLP-225 MINI-SXLP-225 Datasheet
363Kb / 1P
   Low Pass Filter
SXLP-225++ MINI-SXLP-225+ Datasheet
363Kb / 1P
   Low Pass Filter
SXLP-25 MINI-SXLP-25 Datasheet
364Kb / 1P
   Low Pass Filter
More results

Similar Description - SXLP-23+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com