Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXLP-5 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SXLP-5
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SXLP-5 Datasheet(HTML) 1 Page - Mini-Circuits

  SXLP-5 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frequency
Insertion Loss
Return Loss
Frequency
Group Delay
(MHz)
(dB)
(dB)
(MHz)
(nSec)
x
σ
0.5
0.14
0.01
24.96
0.5
144.47
1.0
0.19
0.01
20.52
1.0
144.53
3.0
0.28
0.01
26.53
1.2
144.36
5.0
0.59
0.02
20.05
1.6
146.31
5.6
1.03
0.08
14.37
1.8
148.02
5.8
1.75
0.15
8.91
2.0
149.91
6.0
3.12
0.26
5.25
2.4
153.25
6.2
5.18
0.37
3.04
2.8
158.65
6.5
9.03
0.47
1.42
3.0
161.28
7.2
18.17
0.54
0.46
3.4
167.81
8.0
26.98
0.55
0.27
3.6
171.89
11.0
50.31
0.79
0.13
3.8
175.98
15.0
72.81
3.70
0.08
4.0
181.00
20.0
85.05
5.02
0.07
4.4
194.27
40.0
83.17
2.38
0.05
4.8
214.04
80.0
84.66
1.98
0.04
5.0
230.15
100.0
92.67
3.38
0.05
5.4
281.00
400.0
87.76
6.66
0.11
5.6
309.78
600.0
77.91
3.06
0.32
5.8
323.56
REV. A
M151121
EDR-7482/1U
SXLP-5+
URJ/RAV
170124
Page 1 of 1
50Ω DC to 5 MHz
Maximum Ratings
Operating Temperature
-40oC to 85oC
Storage Temperature
-55oC to 100oC
RF Power Input
0.5W Max.
INPUT
1
OUTPUT
8
GROUND
2, 3, 4, 5, 6, 7
Pin Connections
Surface Mount
SXLP-5+
Low Pass Filter
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
CASE STYLE: HF1139
Functional Schematic
SXLP-5+
GROUP DELAY
100
150
200
250
300
350
0123
456
FREQUENCY (MHz)
SXLP-5+
INSERTION LOSS
0
20
40
60
80
100
0
1
10
100
1000
FREQUENCY (MHz)
SXLP-5+
RETURN LOSS
0
5
10
15
20
25
30
0
1
10
100
1000
FREQUENCY (MHz)
PASSBAND
fco, MHz
STOPBAND
VSWR (:1)
(MHz)
Nom.
(MHz)
Passband
Stopband
(Loss < 1dB)
(Loss 3dB)
(Loss > 20dB)
(Loss > 40dB)
Typ.
Typ.
DC - 5
5.8
8 - 11
11 - 600
1.7
18
RF IN
RF OUT
Typical Frequency Response
40 dB
20 dB
40 dB
20 dB
3 dB
1 dB
FREQUENCY / Fco
DC
0.9 1
1.35
1.75
3
1 dB
3 dB
20 dB
40 dB
DC
0.86 1 1.38
1.9
103
FREQUENCY / FCO
Permanent damage may occur if any of these limits are exceeded.
Outline Drawing
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Demo Board MCL P/N: TB-368
Suggested PCB Layout (PL-230)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
.44
.74
.27
.200
.07
.060
11.18 18.80
6.86
5.08
1.78
1.52
G
H
J
K
L
M
wt.
.040
.660
.200
.470
.055
.060 grams
1.02 16.76
5.08 11.94
1.40
1.52
3.0
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Applications
• defense communications
• receivers / transmitters
• harmonic rejection
Features
• high rejection
• sharp cut-off
• shielded package
• aqueous washable
• low cost
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SXLP-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SXLP-550 MINI-SXLP-550 Datasheet
365Kb / 1P
   Low Pass Filter
SXLP-550++ MINI-SXLP-550+ Datasheet
365Kb / 1P
   Low Pass Filter
SXLP-550A MINI-SXLP-550A Datasheet
361Kb / 1P
   Low Pass Filter
SXLP-550A++ MINI-SXLP-550A+ Datasheet
361Kb / 1P
   Low Pass Filter
More results

Similar Description - SXLP-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com