Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5594 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5594
Description  300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5594 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5594 Datasheet HTML 6Page - Linear Technology LTC5594 Datasheet HTML 7Page - Linear Technology LTC5594 Datasheet HTML 8Page - Linear Technology LTC5594 Datasheet HTML 9Page - Linear Technology LTC5594 Datasheet HTML 10Page - Linear Technology LTC5594 Datasheet HTML 11Page - Linear Technology LTC5594 Datasheet HTML 12Page - Linear Technology LTC5594 Datasheet HTML 13Page - Linear Technology LTC5594 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC5594
10
5594f
For more information www.linear.com/LTC5594
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = 3.3V, TC = 25°C, PLO = 6dBm,
HSLO, RF tone spacing = 4MHz, fIF = 30MHz, PIF = –1.5dBm per tone, and register defaults. DC Blocks, 50Ω terminations, and
MACOM H9 180° combiner at amplifier outputs de-embedded from measurement unless otherwise noted. Test circuit shown in
Figure 1 with 1GHz interstage filter.
0
32
64
96 128 160 192 224 256
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
REGISTER VALUE (INTEGER)
HD2IY, –40°C
HD2IY, 25°C
HD2IY, 85°C
HD2IY, 105°C
HD2IX, –40°C
HD2IX, 25°C
HD2IX, 85°C
HD2IX, 105°C
I-CHANNEL
fRF = 5800MHz
5594 G28
0
32
64
96 128 160 192 224 256
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
REGISTER VALUE (INTEGER)
HD2QY, –40°C
HD2QY, 25°C
HD2QY, 85°C
HD2QY, 105°C
HD2QX, –40°C
HD2QX, 25°C
HD2QX, 85°C
HD2QX, 105°C
Q-CHANNEL
fRF = 5800MHz
5594 G29
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
5594 G30
0
1
2
3
4
5
6
7
8
9 10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
RF FREQUENCY (GHz)
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
C
OPTIMIZED AT 25°C
5594 G31
0
32
64
96 128 160 192 224 256
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
REGISTER VALUE (INTEGER)
HD3IY, –40°C
HD3IY, 25°C
HD3IY, 85°C
HD3IY, 105°C
HD3IX, –40°C
HD3IX, 25°C
HD3IX, 85°C
HD3IX, 105°C
I-CHANNEL
fRF = 5800MHz
5594 G32
0
32
64
96 128 160 192 224 256
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
REGISTER VALUE (INTEGER)
HD3QY, –40°C
HD3QY, 25°C
HD3QY, 85°C
HD3QY, 105°C
HD3QX, –40°C
HD3QX, 25°C
HD3QX, 85°C
HD3QX, 105°C
Q-CHANNEL
fRF = 5800MHz
5594 G33
0
1
2
3
4
5
6
7
8
9 10
15
14
13
12
11
10
9
8
7
6
5
RF FREQUENCY (GHz)
I
Q
5594 G34
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
LO FREQUENCY (GHz)
–40°C
25°C
85°C
105°C
5594 G35
0
1
2
3
4
5
6
7
8
9 10
0
–10
–20
–30
–40
–50
–60
–70
LO FREQUENCY (GHz)
–6dBm
0dBm
6dBm
12dBm
5594 G36
HD2 vs Temperature (TC) and
Register Value
Optimized HD3 vs
Temperature (TC)
Output Referred P1dB
HD2 vs Temperature (TC) and
Register Value
HD3 vs Temperature (TC) and
Register Value
Image Rejection vs
Temperature (TC)
HD3 vs Temperature (TC)
HD3 vs Temperature (TC) and
Register Value
Image Rejection vs LO Power


Similar Part No. - LTC5594

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5594 AD-LTC5594 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
LTC5594IUH#PBF AD-LTC5594IUH#PBF Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Similar Description - LTC5594

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC5594 AD-LTC5594 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
logo
Linear Technology
LTC5586 LINER-LTC5586 Datasheet
3Mb / 34P
   6GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
logo
Mini-Circuits
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
   I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
   I&Q Demodulator
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
M/A-COM Technology Solu...
MAMO-000900-1291LT MA-COM-MAMO-000900-1291LT Datasheet
193Kb / 7P
   I/Q Modulator/Demodulator
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com