Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5510 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC5510
Description  1MHz to 6GHz Wideband High Linearity Active Mixer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5510 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC5510 Datasheet HTML 3Page - Linear Technology LTC5510 Datasheet HTML 4Page - Linear Technology LTC5510 Datasheet HTML 5Page - Linear Technology LTC5510 Datasheet HTML 6Page - Linear Technology LTC5510 Datasheet HTML 7Page - Linear Technology LTC5510 Datasheet HTML 8Page - Linear Technology LTC5510 Datasheet HTML 9Page - Linear Technology LTC5510 Datasheet HTML 10Page - Linear Technology LTC5510 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC5510
7
5510fa
For more information www.linear.com/LTC5510
Conversion Gain, OIP3 and NF
vs LO Power
Noise Figure
vs Input Blocker Level
Conversion Gain, OIP3 and NF
vs Supply Voltage
IM3 Level
vs Output Power (2-Tone)
IM2 Level
vs Output Power (2-Tone)
Conversion Gain, OIP3, NF and
Input P1dB vs Case Temperature
Conversion Gain, OIP3 and NF
vs Input Frequency
Conversion Gain and OIP3
vs Output Frequency
LO Leakage vs LO Frequency
TYPICAL AC PERFORMANCE CHARACTERISTICS 5V Wideband Up/Downmixer Application for
fIN < 1575MHz: VCC = 5V, TC = 25°C, fIN = 190MHz, PIN = –10dBm (–10dBm/tone for 2-tone tests, Δf = 2MHz), HSLO,
PLO = 0dBm, output measured at 1575MHz, unless otherwise noted. (Test Circuit Shown in Figure 1).
INPUT FREQUENCY (MHz)
0
28
24
20
16
12
1200
800
400
1600
8
4
0
32
5510 G06
OIP3
NF
GC
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
OUTPUT FREQUENCY (MHz)
1200
28
24
20
16
12
1800
1600
1400
2000
8
4
0
32
5510 G07
OIP3
GC
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
LO-IN
LO FREQUENCY (MHz)
1500
–10
–20
–30
–40
–50
2700
2300
1900
3100
–60
–70
–80
0
5510 G08
LO-OUT
LO INPUT POWER (dBm)
–12
28
24
20
16
12
3
0
–3
–6
–9
6
8
4
0
32
5510 G09
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
OIP3
NF
GC
BLOCKER POWER (dBm)
–20
22
20
18
0
–5
–10
–15
5
16
14
12
24
5510 G10
fIN = 900MHz
fBLOCK = 800MHz
fLO = 2475MHz
6dBm
3dBm
0dBm
–3dBm
PLO = –6dBm
SUPPLY VOLTAGE (V)
4.5
28
24
20
16
12
5.2
5.1
5.0
4.9
4.8
4.7
4.6
5.3
8
4
0
32
5510 G11
NF
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
GC
OIP3
OUTPUT POWER (dBm)
–15
–20
–40
–60
0
–5
–10
5
–80
–100
0
5510 G12
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
OUTPUT POWER (dBm)
–15
–20
–40
–60
0
–5
–10
5
–80
–100
0
5510 G13
TC = 105°C
TC = 85°C
TC = 25°C
TC = –40°C
fIM2 = 1385MHz
CASE TEMPERATURE (°C)
–45
30
25
20
15
10
75
45
15
–15
105
5
0
35
5510 G14
NF
IP1dB
GC
OIP3


Similar Part No. - LTC5510

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
More results

Similar Description - LTC5510

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5510 LINER-LTC5510_15 Datasheet
617Kb / 30P
   1MHz to 6GHz Wideband High Linearity Active Mixer
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
LT5521 LINER-LT5521_15 Datasheet
284Kb / 16P
   Very High Linearity Active Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
Linear Technology
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
logo
Maxim Integrated Produc...
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com