Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD-260 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LD-260
Description  GaAs infrared emitting diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-260 Datasheet(HTML) 4 Page - OSRAM GmbH

  LD-260 Datasheet HTML 1Page - OSRAM GmbH LD-260 Datasheet HTML 2Page - OSRAM GmbH LD-260 Datasheet HTML 3Page - OSRAM GmbH LD-260 Datasheet HTML 4Page - OSRAM GmbH LD-260 Datasheet HTML 5Page - OSRAM GmbH LD-260 Datasheet HTML 6Page - OSRAM GmbH LD-260 Datasheet HTML 7Page - OSRAM GmbH LD-260 Datasheet HTML 8Page - OSRAM GmbH LD-260 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2011-05-27
4
Version 1.0 LD 260, LD 262, LD 263, LD 264, LD 265, LD 266, LD 267, LD 268,
Total radiant flux
Gesamtstrahlungsfluss
(IF = 50 mA, tp = 20 ms)
e
9mW
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(IF = 50 mA, tp = 20 ms)
TCI
-0.55
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 50 mA, tp = 20 ms)
TCV
-1.5
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 50 mA, tp = 20 ms)
TC
0.3
nm / K
Relative Spectral Emission
Relative spektrale Emission
Irel = f( ), TA = 25°C
Radiant Intensity
Strahlstärke
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 μs,
TA= 25°C
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
Ι
OHR01039
F
-1
10
10
0
1
10
2
10
10
-2
-1
10
0
10
A
10
1
Ι
e
Ι
e (100 mA)


Similar Part No. - LD-260

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-261 OSRAM-LD-261 Datasheet
153Kb / 11P
   GaAs infrared emitting diode
More results

Similar Description - LD-260

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL333 KODENSHI-EL333 Datasheet
193Kb / 2P
   Infrared Emitting Diode(GaAs)
KELD001 KODENSHI-KELD001 Datasheet
41Kb / 1P
   Infrared Emitting Diode(GaAs)
logo
QT Optoelectronics
CQX15 QT-CQX15 Datasheet
232Kb / 3P
   GAAS INFRARED EMITTING DIODE
logo
OSRAM GmbH
IRL-80-A OSRAM-IRL-80-A Datasheet
172Kb / 10P
   GaAs infrared emitting diode
logo
Fairchild Semiconductor
LED55BF FAIRCHILD-LED55BF Datasheet
155Kb / 4P
   GaAs INFRARED EMITTING DIODE
logo
QT Optoelectronics
1N6265 QT-1N6265 Datasheet
231Kb / 3P
   GAAS INFRARED EMITTING DIODE
CQX14 QT-CQX14 Datasheet
231Kb / 3P
   GAAS INFRARED EMITTING DIODE
QEE113 QT-QEE113 Datasheet
168Kb / 2P
   GAAS INFRARED EMITTING DIODE
logo
NEC
SE306 NEC-SE306 Datasheet
45Kb / 2P
   GaAs INFRARED EMITTING DIODE
logo
QT Optoelectronics
LED55B QT-LED55B Datasheet
233Kb / 3P
   GAAS INFRARED EMITTING DIODE
QED233 QT-QED233 Datasheet
149Kb / 2P
   GAAS INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com