Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD-242 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LD-242
Description  Fabricated in a liquid phase epitaxy process
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-242 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LD-242 Datasheet HTML 2Page - OSRAM GmbH LD-242 Datasheet HTML 3Page - OSRAM GmbH LD-242 Datasheet HTML 4Page - OSRAM GmbH LD-242 Datasheet HTML 5Page - OSRAM GmbH LD-242 Datasheet HTML 6Page - OSRAM GmbH LD-242 Datasheet HTML 7Page - OSRAM GmbH LD-242 Datasheet HTML 8Page - OSRAM GmbH LD-242 Datasheet HTML 9Page - OSRAM GmbH LD-242 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2007-12-07
8
Version 1.0
LD 242
Pad
Description
Pad
Beschreibung
1Anode / Anode
2Cathode / Kathode
Package
Metal Can (TO-18), hermetically sealed, Epoxy,
colourless, transparent
Gehäuse
Metall Gehäuse (TO-18), hermetisch dicht, Harz,
farblos, durchsichtig
TTW Soldering
Wellenlöten (TTW)
IEC-61760-1 TTW / IEC-61760-1 TTW
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


Similar Part No. - LD-242

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
LD-240 AXIOMTEK-LD-240 Datasheet
133Kb / 1P
   24 Industrial Open Frame LCD Monitor
More results

Similar Description - LD-242

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4811 OSRAM-SFH-4811 Datasheet
177Kb / 13P
   Fabricated in a liquid phase epitaxy process
SFH483 OSRAM-SFH483 Datasheet
159Kb / 10P
   Fabricated in a liquid phase epitaxy process
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
   The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
M02009 ETC2-M02009 Datasheet
302Kb / 19P
   Low cost IC fabricated in CMOS
logo
Hi-Sincerity Mocroelect...
HMBD2004 HSMC-HMBD2004 Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar tehnology
HMBD2003 HSMC-HMBD2003 Datasheet
19Kb / 2P
   General purpose diodes fabricated in planar technology
logo
SHENZHEN REFOND OPTOELE...
RF-AUS150TS-ED REFOND-RF-AUS150TS-ED Datasheet
1Mb / 21P
   The Colour LED which was fabricated using a amber chipPackage Dimension
RF-BUB190TS-CA-B REFOND-RF-BUB190TS-CA-B Datasheet
1Mb / 21P
   The Colour LED which was fabricated using a blue chipPackage Dimension
RF-GNS150TS-CF REFOND-RF-GNS150TS-CF Datasheet
1Mb / 21P
   The Colour LED which was fabricated using a green chipPackage Dimension
logo
Littelfuse
SP1008 LITTELFUSE-SP1008 Datasheet
1Mb / 4P
   The SP1008 includes back-to-back TVS diodes fabricated in a proprietary silicon avalanche technology to provide...
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com