Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA-M67F Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LA-M67F
Description  SMD epoxy package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-M67F Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LA-M67F Datasheet HTML 3Page - OSRAM GmbH LA-M67F Datasheet HTML 4Page - OSRAM GmbH LA-M67F Datasheet HTML 5Page - OSRAM GmbH LA-M67F Datasheet HTML 6Page - OSRAM GmbH LA-M67F Datasheet HTML 7Page - OSRAM GmbH LA-M67F Datasheet HTML 8Page - OSRAM GmbH LA-M67F Datasheet HTML 9Page - OSRAM GmbH LA-M67F Datasheet HTML 10Page - OSRAM GmbH LA-M67F Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Version 1.4
LA M67F
2014-10-31
7
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 20
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 20
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 20
Abstrahlcharakteristik 7) Seite 20
Irel = f (ϕ); TS = 25 °C
OHL02654
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
λ
Vλ
yellow
orange
amber
super-red
red
rel
Ι
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LA-M67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-M676 OSRAM-LA-M676 Datasheet
505Kb / 20P
   white SMT package, colorless clear resin
LA-M676 OSRAM-LA-M676 Datasheet
188Kb / 15P
   white SMT package
LA-M67B OSRAM-LA-M67B Datasheet
569Kb / 20P
   white SMT package, colorless clear resin
More results

Similar Description - LA-M67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4735 OSRAM-SFH-4735 Datasheet
629Kb / 13P
   SMD epoxy package
KY-DMLN31.23 OSRAM-KY-DMLN31.23 Datasheet
666Kb / 22P
   SMD epoxy package
KY-DMLN31.FY OSRAM-KY-DMLN31.FY Datasheet
704Kb / 23P
   SMD epoxy package
LYH9PP-HZKX-46-1 OSRAM-LYH9PP-HZKX-46-1 Datasheet
750Kb / 22P
   SMD epoxy package
LAM67F-V1AB-24 OSRAM-LAM67F-V1AB-24 Datasheet
536Kb / 21P
   SMD epoxy package
LUWH9QP-5M8M-HNJN-1 OSRAM-LUWH9QP-5M8M-HNJN-1 Datasheet
969Kb / 24P
   SMD epoxy package
LUWH9QP OSRAM-LUWH9QP Datasheet
955Kb / 24P
   SMD epoxy package
KR-DMLN31.23 OSRAM-KR-DMLN31.23 Datasheet
676Kb / 22P
   SMD epoxy package
KR-DMLQ31.23 OSRAM-KR-DMLQ31.23 Datasheet
710Kb / 21P
   SMD epoxy package
KY-DMLS31.FY OSRAM-KY-DMLS31.FY Datasheet
1Mb / 23P
   SMD epoxy package
LA-H9PP OSRAM-LA-H9PP Datasheet
747Kb / 22P
   SMD epoxy package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com