Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGTS-8806S Datasheet(PDF) 1 Page - Allied Components International

Part No. AGTS-8806S
Description  100/1000 BASE T Gigabit Quad Port LAN Filter Module
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AGTS-8806S Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 02/11/13
SCHEMATICS
Dimensions: mm
Unless otherwise specified, all tolerances are ± 0.25
3.0
ALLIED
AGTS-8806S
DATECODE
88
1
2
3
87
86
85
4
5
6
84
83
82
7
8
9
81
80
79
10
11
78
76
13
14
75
15
16
73
74
72
17
19
18
70
71
69
20
22
67
12
77
21
68
23
25
24
26
28
27
29
30
31
32
33
66
64
65
63
61
62
60
59
58
57
56
34
35
36
37
38
39
40
41
42
43
44
55
54
53
52
51
50
49
48
47
46
45
All specifications subject to change without notice.
MECHANICAL
100/1000 BASE T Gigabit Quad Port LAN Filter Module
AGTS-8806S
DCR: 1.4
Max
Operating Temp: 0ºC to +70ºC
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
40MHz
AGTS-8806S
350
1CT:1CT
-1.1
-16
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AGTS-8806S
100MHz
-10
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-37
1500
30MHz
-43
100MHz
-33
Common Mode Rejection
(dB Min)
100MHz
-30
30MHz
-40
60MHz
Isolation
60MHz
-35
88 Pin through hole design
Ethernet based LAN, WAN and other networking applications


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn