Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7543 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC7543
Description  E-Band Power Amplifier With Power Detector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7543 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC7543 Datasheet HTML 4Page - Analog Devices HMC7543 Datasheet HTML 5Page - Analog Devices HMC7543 Datasheet HTML 6Page - Analog Devices HMC7543 Datasheet HTML 7Page - Analog Devices HMC7543 Datasheet HTML 8Page - Analog Devices HMC7543 Datasheet HTML 9Page - Analog Devices HMC7543 Datasheet HTML 10Page - Analog Devices HMC7543 Datasheet HTML 11Page - Analog Devices HMC7543 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HMC7543
Data Sheet
Rev. A | Page 8 of 16
Figure 15. Output P1dB vs. Frequency at Various Temperatures,
Drain Current (IDD) = 450 mA
Figure 16. PSAT vs. Frequency at Various Temperatures,
Drain Current (IDD) = 450 mA
Figure 17. Output IP3 (OIP3) vs. Frequency at Various Temperatures,
Drain Current (IDD) = 450 mA, POUT/Tone = 12 dBm
Figure 18. Output P1dB vs. Frequency at Various Drain Currents (IDD)
Figure 19. PSAT vs. Frequency at Various Drain Currents (IDD)
Figure 20. Output IP3 (OIP3) vs. Frequency at Various Drain Currents (IDD),
POUT/Tone = 12 dBm
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
TA = –55°C
TA = +25°C
TA = +85°C
20
21
22
23
24
25
26
27
28
29
30
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
TA = –55°C
TA = +25°C
TA = +85°C
20
21
22
23
24
25
26
27
28
29
30
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
TA = –55°C
TA = +25°C
TA = +85°C
25
26
27
28
29
30
31
32
33
34
35
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
IDD = 350mA
IDD = 400mA
IDD = 450mA
20
21
22
23
24
25
26
27
28
29
30
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
IDD = 350mA
IDD = 400mA
IDD = 450mA
20
21
22
23
24
25
26
27
28
29
30
71.0
71.5
72.0
72.5
73.0
73.5
74.0
74.5
75.5
76.0
FREQUENCY (GHz)
75.0
IDD = 350mA
IDD = 400mA
IDD = 450mA
25
26
27
28
29
30
31
32
33
34
35


Similar Part No. - HMC7543

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7545 AD-HMC7545 Datasheet
95Kb / 2P
   14.2 Gbps Asynchronous 4-Channel Signal Conditioner
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
HMC754S8GE HITTITE-HMC754S8GE Datasheet
1Mb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE_10 Datasheet
1Mb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
More results

Similar Description - HMC7543

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
HMC7447 AD-HMC7447 Datasheet
383Kb / 8P
   E-BAND DETECTOR
ADMV7710 AD-ADMV7710 Datasheet
297Kb / 17P
   Power Amplifier with Power Detector
ADMV7810 AD-ADMV7810 Datasheet
291Kb / 17P
   Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com