Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCLF-8+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCLF-8+
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCLF-8+ Datasheet(HTML) 1 Page - Mini-Circuits

  SCLF-8+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input
0.5W max.
Applications
• defense communications
• receivers/transmitters
• harmonic rejection of VCOs
Low Pass Filter
SCLF-8+
REV. F
M158359
SCLF-8+
170315
Surface Mount
50
DC to 8 MHz
SCLF-8
INSERTION LOSS
0
20
40
60
80
100
120
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
SCLF-8
RETURN LOSS
0
10
20
30
40
50
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
SCLF-8
GROUP DELAY
0
50
100
150
200
250
1.0
4.1
7.2
10.3
13.4
16.5
FREQUENCY (MHz)
at RF level of 0 dBm
Pin Connections
INPUT
1
OUTPUT
8
GROUND
2,3,4,5,6,7
Features
• wide selection of cut-off frequencies
• excellent rejection
• custom models available
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
1.00
0.10
0.00
40.10
1.00
91.50
2.00
0.10
0.00
33.40
1.10
91.70
3.10
0.20
0.00
25.90
1.20
93.50
4.10
0.20
0.00
22.90
1.40
93.60
5.10
0.30
0.00
24.30
1.50
90.70
6.10
0.30
0.00
31.00
1.60
94.50
7.20
0.40
0.00
26.50
1.80
92.90
8.00
0.60
0.10
22.40
2.00
92.60
9.20
3.60
0.70
4.00
2.20
94.00
10.40
12.70
1.10
0.70
2.40
93.60
10.80
15.90
1.10
0.50
2.70
93.50
11.20
18.90
1.10
0.40
2.90
94.60
11.70
22.40
1.10
0.30
3.30
96.10
12.10
25.00
1.10
0.30
3.60
96.70
12.50
27.50
1.00
0.30
4.00
97.50
12.90
29.90
1.00
0.20
4.40
99.90
13.60
33.90
1.00
0.20
4.80
103.20
14.30
37.50
1.00
0.20
5.20
105.90
15.10
41.40
1.00
0.20
5.80
110.60
15.80
44.50
1.00
0.20
6.30
116.80
16.50
47.50
1.00
0.20
7.00
126.30
17.20
50.20
0.90
0.10
8.00
160.20
40.10
84.10
6.10
0.10
8.40
182.20
62.90
82.30
3.00
0.10
9.20
193.10
85.80
81.80
3.90
0.00
10.10
124.10
108.60
79.40
2.00
0.10
11.10
74.80
131.50
77.00
1.90
0.10
12.50
43.80
154.30
75.90
2.00
0.10
13.40
34.60
177.20
74.80
1.50
0.10
14.70
25.30
200.00
72.70
1.10
0.10
16.10
20.40
Demo Board MCL P/N: TB-187+
Suggested PCB Layout (PL-049)
Outline Drawing
Outline Dimensions (
)
inch
mm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
A
B
C
D
E
F
G
0.75
0.38
0.28
0.01
0.05
0.02
0.2
19.05
9.65
7.11
0.25
1.27
0.51
5.08
H
J
K
M
N
P
wt
0.075
0.6
0.45
0.47
0.1
0.15 grams
1.91 15.24 11.43 11.94
2.54
3.81
1.60
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-8
1.0
dB
Freq. Cut-Off
F2
9.2
3.0
dB
VSWR
DC-F1
DC-8
1.7
:1
Stop Band
Rejection Loss
F3-F4
12.5-16.5
20
dB
F4-F5
16.5-200
40
dB
VSWR
F3-F5
12.5-200
18
:1
Electrical Schematic
Typical Frequency Response
DC
F1 F2
F3
F4
F5
40
20
3
1
FREQUENCY
R F IN
R F OUT
CASE STYLE: YY161
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - SCLF-8+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCLF-8.4 MINI-SCLF-8.4 Datasheet
177Kb / 1P
   Low Pass Filters 50??DC to 865 MHz
More results

Similar Description - SCLF-8+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com