Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE48 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE48
Description  Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE48 Datasheet(HTML) 2 Page - NTE Electronics

  NTE48 Datasheet HTML 1Page - NTE Electronics NTE48 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 200mA, VCE = 5V
25,000
IC = 1000mA, VCE = 5V
4,000
40,000
Collector–Emitter Saturation Voltage
VCE(sat) IC = 1000mA, IB = 2mA
1.5
V
Base–Emitter ON Voltage
VBE(on)
IC = 1000mA, VCE = 5V
2.0
V
Small–Signal Characteristics
Current Gain–Bandwidth Product
fT
IC = 200mA, VCE = 5V,
f = 100MHz
100
1000
MHz
Collector–Base Capacitance
Ccb
VCB = 10V, IE = 0, f = 1MHz
10
pF
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%
B
C
E
.026 (.66)
Dia Max
Seating Plane
.100 (2.54)
.240 (6.09) Max
.339
(8.62)
Max
.512
(13.0)
Min
.200
(5.08)
Max
E B C


Similar Part No. - NTE48

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
   Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE483 NTE-NTE483 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF High Frequency Amplifier
More results

Similar Description - NTE48

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE46 NTE-NTE46 Datasheet
23Kb / 2P
   Silicon NPN Transistor Darlington, General Purpose Amplifier, Preamp, Driver
NTE2349 NTE-NTE2349 Datasheet
26Kb / 2P
   Silicon Darlington Transistors High Current, General Purpose
Leshan Radio Company
Leshan Radio Company
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
   General Purpose Amplifier NPN Silicon Transistor
First Silicon Co., Ltd
First Silicon Co., Ltd
FTC5658 FS-FTC5658 Datasheet
498Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
Leshan Radio Company
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
ON Semiconductor
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
Vaishali Semiconductor
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor
ON Semiconductor
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
   NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
   NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz