Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1046 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DS1046
Description  TB motor properties
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DS1046 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DS1046 Datasheet HTML 1Page - List of Unclassifed Manufacturers DS1046 Datasheet HTML 2Page - List of Unclassifed Manufacturers DS1046 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS01046/C Page 3 of 3
datasheet
6. Overload characteristics
TB3808 force/velocity
320Vdc peak
320Vdc cont.
160Vdc peak
160Vdc cont.
0
200
400
600
800
1000
1200
1400
1600
012
34
Velocity (m/s)
TB3810 force/velocity
320Vdc peak
320Vdc cont.
160Vdc peak
160Vdc cont.
0
200
400
600
800
1000
1200
1400
1600
01
2
Velocity (m/s)
3
This graph shows the time required to heat the motor phases from 25
oC to 100oC for a given peak current and a
typical motor from the range.
0
10
20
30
40
1
11
2131
4151
Time (seconds)
TB25
TB38


Similar Part No. - DS1046

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-100 DALLAS-DS1040-100 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040-100 MAXIM-DS1040-100 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Dallas Semiconductor
DS1040-150 DALLAS-DS1040-150 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
More results

Similar Description - DS1046

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
   Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
   Electrical Properties
WPANTDP030 WPI-WPANTDP030 Datasheet
93Kb / 1P
   Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
   Electrical Properties
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
   Electrical Properties
logo
World Produts Inc.
WPANTDP046 WPI-WPANTDP046 Datasheet
76Kb / 1P
   Electrical Properties
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
Freescale Semiconductor...
S912XD256F1VAG FREESCALE-S912XD256F1VAG Datasheet
7Mb / 1348P
   Signal Properties Summary
logo
Infineon Technologies A...
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
   Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com