Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC441 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC441
Description  GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC441 Datasheet(HTML) 3 Page - Analog Devices

  HMC441 Datasheet HTML 1Page - Analog Devices HMC441 Datasheet HTML 2Page - Analog Devices HMC441 Datasheet HTML 3Page - Analog Devices HMC441 Datasheet HTML 4Page - Analog Devices HMC441 Datasheet HTML 5Page - Analog Devices HMC441 Datasheet HTML 6Page - Analog Devices HMC441 Datasheet HTML 7Page - Analog Devices HMC441 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC441
v09.0917
GaAs pHEMT MMIC MEDIUM
POWER AMPLIFIER, 6 - 18 GHz
Power Compression @ 11 GHz
Output IP3 vs. Temperature
Noise Figure vs. Temperature
Gain & Power vs. Supply Voltage @ 11 GHz
Reverse Isolation vs. Temperature
Power Compression @ 15 GHz
0
5
10
15
20
25
30
-10
-6
-2
2
6
10
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
0
5
10
15
20
25
30
-10
-6
-2
2
6
10
14
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
16
20
24
28
32
36
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
0
2
4
6
8
10
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
24
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Gain
P1dB
Psat
Vdd (V)
-60
-50
-40
-30
-20
-10
0
6
8
10
12
14
16
18
+25 C
+85 C
-55 C
FREQUENCY (GHz)


Similar Part No. - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
HMC441 HITTITE-HMC441 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Micross Components
HMC441 MICROSS-HMC441 Datasheet
986Kb / 11P
   LO Driver for HMC Mixers
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
242Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results

Similar Description - HMC441

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
logo
Analog Devices
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
   5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
logo
Analog Devices
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
   Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com