Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA350A Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMA350A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA350A Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMA350A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA350A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMA350A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMA350A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMA350A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RWM
RWM
SMA33CA
SMA33A
SMA33C
SMA33
SMA30CA
SMA30C
SMA30
SMA30A
SMA28CA
SMA28A
SMA28C
SMA28
SMA26CA
SMA26A
SMA26C
SMA26
SMA24CA
SMA24A
SMA24C
SMA24
SMA22CA
SMA22A
SMA22C
SMA22
SMA20CA
SMA20C
SMA20
SMA20A
SMA18CA
SMA18A
SMA18C
SMA18
SMA17CA
SMA17A
SMA17C
SMA17
SMA16CA
SMA16A
SMA16C
SMA16
SMA15CA
SMA15A
SMA15C
SMA15
SMA14CA
SMA14A
SMA14C
SMA14
SMA13CA
SMA13A
SMA13C
SMA13
SMA12CA
SMA12A
SMA12C
SMA12
SMA11CA
SMA11A
SMA11C
SMA11
SMA10CA
SMA10A
SMA10C
SMA10
SMA9.0CA
SMA9.0A
SMA9.0C
SMA9.0
SMA8.5CA
SMA8.5A
SMA8.5C
SMA8.5
SMA8.0CA
SMA8.0A
SMA8.0C
SMA8.0
SMA7.5CA
SMA7.5A
SMA7.5C
SMA7.5
SMA7.0CA
SMA7.0A
SMA7.0C
SMA7.0
SMA6.5CA
SMA6.5A
SMA6.5C
SMA6.5
SMA6.0CA
SMA6.0A
SMA6.0C
SMA6.0
SMA5.0CA
SMA5.0A
SMA5.0C
SMA5.0
2 of 5
53.3
45.4
1.0
1.0
10.0
10.0
10.0
36.7
33.3
33.3
22.2
31.1
28.9
28.9
26.7
18.9
17.8
15.6
13.3
11.1
9.0
9.0
8.5
8.5
8.0
8.0
7.5
7.0
6.5
6.5
5.0
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
6.40
7.55
10.0
9.6
41.7
800.0
5.0
6.40
7.25
9.2
43.5
800.0
6.0
6.67
8.45
10.0
11.4
35.1
800.0
6.0
6.67
7.67
10.3
38.8
800.0
7.22
9.14
10.0
12.3
32.5
500.0
7.22
8.30
10.0
11.2
35.7
500.0
7.78
9.86
10.0
13.3
30.1
200.0
7.0
7.78
8.95
12.0
33.3
200.0
8.33
10.67
1.0
14.3
28.0
100.0
7.5
8.33
9.58
12.9
31.0
100.0
8.89
11.3
1.0
15.0
26.7
50.0
8.89
10.23
1.0
13.6
29.4
50.0
9.44
11.92
15.9
25.2
20.0
9.44
10.82
1.0
14.4
27.8
20.0
10.0
12.6
1.0
16.9
23.7
10.0
10.0
11.5
1.0
15.4
26.0
10.0
10
14.1
1.0
18.8
21.3
5.0
10
11.1
12.8
1.0
17.0
23.5
5.0
11
12.2
15.4
1.0
20.1
19.9
5.0
11
12.2
14.0
1.0
18.2
22.0
5.0
12
16.9
1.0
22.0
18.2
5.0
12
13.3
15.3
1.0
19.9
20.1
5.0
13
14.4
18.2
1.0
23.8
16.8
5.0
13
14.4
16.5
1.0
21.5
18.6
5.0
14
19.8
1.0
25.8
15.5
5.0
14
15.6
17.9
1.0
23.2
17.2
5.0
15
16.7
21.1
1.0
26.9
14.9
5.0
15
16.7
19.2
1.0
24.4
16.4
5.0
16
22.6
1.0
28.8
13.9
5.0
16
17.8
20.5
1.0
26.0
15.4
5.0
17
23.9
1.0
30.5
13.1
5.0
17
18.9
21.7
1.0
27.6
14.5
5.0
18
20.0
25.3
1.0
32.2
12.4
5.0
18
20.0
23.3
1.0
29.2
13.7
5.0
20
28.1
1.0
35.8
11.2
5.0
20
22.2
25.5
1.0
32.4
12.3
5.0
22
24.4
30.9
1.0
39.4
10.2
5.0
22
24.4
28.0
1.0
35.5
11.3
5.0
24
33.8
1.0
43.0
9.3
5.0
24
26.7
30.7
1.0
38.9
10.3
5.0
26
36.6
1.0
46.6
8.6
5.0
26
33.2
1.0
42.1
9.5
5.0
28
39.4
1.0
50.0
8.0
5.0
28
31.1
35.8
1.0
8.8
5.0
30
42.2
1.0
53.5
7.5
5.0
30
38.3
1.0
48.4
8.3
5.0
33
46.5
1.0
59.0
6.8
5.0
33
36.7
42.2
1.0
7.5
5.0
TYPE
(Uni)
(Bi)
www.sunmate.tw
HF
TF
Marking
(Uni)
(Bi)
HD
TD
HE
TE
HG
TG
HH
TH
HK
TK
HL
TL
HM
TM
HN
TN
HP
TP
HQ
TQ
HR
TR
HS
TS
HT
TT
HU
TU
HV
TV
HW
TW
HX
TX
HY
TY
HZ
TZ
ID
UD
IE
UE
IF
UF
IG
UG
IH
UH
IK
UK
IL
UL
IM
UM
IN
UN
IP
UP
IQ
UQ
IR
UR
IS
US
IT
UT
IU
UU
IV
UV
IW
UW
IX
UX
JE
VE
JF
IY
UY
IZ
UZ
JD
VD
VF
JG
VG
JH
VH
JK
VK
JL
VL
JM
VM


Similar Part No. - SMA350A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA35 MACOM-SMA35 Datasheet
106Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
SMA35 MACOM-SMA35 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA35 MA-COM-SMA35 Datasheet
640Kb / 3P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
SMA35-1 MACOM-SMA35-1 Datasheet
357Kb / 2P
   Cascadable Amplifier 2 to 2400 MHz
More results

Similar Description - SMA350A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com