Electronic Components Datasheet Search |
|
SMBF350A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SMBF350A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 4 page 1 of 4 www.sunmate.tw Maximum Ratings @ TA = 25°C unless otherwise specified Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA =25°C) (Note 1) PPK 600 W Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes1, 2, & 3) IFSM 100 A Instantaneous Forward Voltage @IPP = 35A VBR<100V (Notes 1, 2, & 3) VBR³100V VF 3.5 5.0 V V Operating and Storage Temperature Range Tj,TSTG -55 to +150 °C Notes: 1. Valid provided that terminals are kept at ambient temperature. 2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. 3. Unidirectional units only. Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Material: UL Flammability Classification Rating 94V-0 Features ! ! ! ! ! Characteristic Symbol Value Unit Case:SMBF , Molded Plastic ! ! Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 ! Polarity: Cathode Band or Cathode Notch ! Marking: Type Number ! Weight: 0.0018 ounces,0.05grams Mechanical Data 0.73 0.77 0.75 0.021 0.20 1.96 2.00 1.98 1.38 1.35 1.32 3.60 3.63 3.57 4.30 4.33 4.27 5.50 5.55 5.45 SMBF A E L B C E H D E D A Dim Min Max Typ B C H L All Dimensions in mm 0.019 SMBF6.8A(CA) - SMBF440A(CA) VOLTAGE RANGE: 6.8 - 440 V POWER: 600Wa t t s SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE |
Similar Part No. - SMBF350A |
|
Similar Description - SMBF350A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |