Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC7.0CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SMC7.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMC7.0CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMC7.0CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMC7.0CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMC7.0CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMC7.0CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMC7.0CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RWM
RWM
SMC22CA
SMC22A
SMC22C
SMC22
SMC20CA
SMC20A
SMC20C
SMC20
SMC18CA
SMC18A
SMC18C
SMC18
SMC17CA
SMC17A
SMC17C
SMC17
SMC16CA
SMC16A
SMC16C
SMC16
SMC15CA
SMC15A
SMC15C
SMC15
SMC14CA
SMC14A
SMC14C
SMC14
SMC13CA
SMC13A
SMC13C
SMC13
SMC12CA
SMC12A
SMC12C
SMC12
SMC11CA
SMC11A
SMC11C
SMC11
SMC10CA
SMC10A
SMC10C
SMC10
SMC9.0CA
SMC9.0A
SMC9.0C
SMC9.0
SMC8.5CA
SMC8.5A
SMC8.5C
SMC8.5
SMC8.0CA
SMC8.0A
SMC8.0C
SMC8.0
SMC7.5CA
SMC7.5A
SMC7.5C
SMC7.5
SMC7.0CA
SMC7.0A
SMC7.0C
SMC6.5CA
SMC7.0
SMC6.5C
SMC6.5
SMC6.5A
SMC6.0CA
SMC6.0C
SMC6.0
SMC6.0A
SMC5.0CA
SMC5.0A
SMC5.0C
SMC5.0
S tand-Off
10.0
20.0
11.1
9.0
9.0
8.5
8.0
8.0
7.5
7.5
7.0
6.5
6.5
6.0
5.0
Breakdown
Marking
Reverse
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
GDD
BDD
6.40
7.55
10.0
9.6
156.3
800.0
GDE
BDE
5.0
6.40
7.25
9.2
163.0
800.0
GDF
BDF
6.67
8.45
10.0
11.4
131.6
800.0
GDG
BDG
6.0
6.67
7.67
10.3
145.6
800.0
GDH
BDH
7.22
9.14
10.0
12.3
122.0
500.0
GDK
BDK
7.22
8.30
10.0
11.2
133.9
500.0
GDL
BDL
7.78
9.86
10.0
13.3
112.8
200.0
GDM
BDM
7.0
7.78
8.95
12.0
125.0
200.0
GDN
BDN
8.33
10.67
1.0
14.3
104.9
100.0
GDP
BDP
8.33
9.58
1.0
12.9
116.3
100.0
GDQ
BDQ
8.89
11.3
1.0
15.0
100.0
50.0
GDR
BDR
8.89
10.23
1.0
13.6
110.3
50.0
GDS
BDS
9.44
11.92
15.9
94.3
20.0
GDT
BDT
8.5
9.44
10.82
14.4
104.2
20.0
GDU
BDU
10.0
12.6
1.0
16.9
88.8
10.0
GDV
BDV
10.0
11.5
1.0
15.4
97.4
10.0
GDW
BDW
10
14.1
1.0
18.8
79.8
5.0
GDX
BDX
10
11.1
12.8
1.0
17.0
88.2
5.0
GDY
BDY
11
12.2
15.4
1.0
20.1
74.6
5.0
GDZ
BDZ
11
12.2
14.0
1.0
18.2
82.4
5.0
GED
BED
12
13.3
16.9
1.0
22.0
68.2
5.0
GEE
BEE
12
13.3
15.3
1.0
19.9
75.4
5.0
GEF
BEF
13
14.4
18.2
1.0
23.8
63.0
5.0
GEG
BEG
13
14.4
16.5
1.0
21.5
69.8
5.0
GEH
BEH
14
15.6
19.8
1.0
25.8
58.1
5.0
GEK
BEK
14
15.6
17.9
1.0
23.2
64.7
5.0
GEL
BEL
15
16.7
21.1
1.0
26.9
55.8
5.0
GEM
BEM
15
16.7
19.2
1.0
24.4
61.5
5.0
GEN
BEN
16
17.8
22.6
1.0
28.8
52.1
5.0
GEP
BEP
16
17.8
20.5
1.0
26.0
57.7
5.0
GEQ
BEQ
17
18.9
23.9
1.0
30.5
49.2
5.0
GER
BER
17
18.9
21.7
1.0
27.6
54.3
5.0
GES
BES
18
25.3
1.0
32.2
46.6
5.0
GET
BET
18
20.0
23.3
1.0
29.2
51.4
5.0
GEU
BEU
20
22.2
28.1
1.0
35.8
41.9
5.0
GEV
BEV
20
22.2
25.5
1.0
32.4
46.3
5.0
GEW
BEW
22
24.4
30.9
1.0
39.4
38.1
5.0
GEX
BEX
22
24.4
28.0
1.0
35.5
42.3
5.0
10.0
10.0
1.0
1.0
TYPE
2 of 5
(Uni)
(Bi)
SMC24CA
SMC24A
SMC24C
SMC24
26.7
GEY
BEY
24
33.8
1.0
43.0
34.9
5.0
GEZ
BEZ
24
26.7
30.7
1.0
38.9
38.6
5.0
SMC26C
SMC26
GFD
BFD
26
28.9
36.6
1.0
46.6
32.2
5.0
www.sunmate.tw


Similar Part No. - SMC7.0CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC7.3-104J50K33-TR12 KEMET-SMC7.3-104J50K33-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC7.3-154J50K35-TR12 KEMET-SMC7.3-154J50K35-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.15 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC7.3-224J50K37-TR12 KEMET-SMC7.3-224J50K37-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC7.3-473J100K35-TR12 KEMET-SMC7.3-473J100K35-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.047 uF, /-5% Tol, General Purpose, 100 VDC@125C
SMC7.3104J50K33TR12 KEMET-SMC7.3104J50K33TR12 Datasheet
75Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMC/F125, 0.1 uF, 5%, 50 V, 30 V, 100C, 2824, 3mm
More results

Similar Description - SMC7.0CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com