Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA24CA Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SMA24CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA24CA Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMA24CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA24CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMA24CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMA24CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMA24CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RWM
RMWM
SMA170CA
SMA170A
SMA170C
SMA170
SMA160CA
SMA160A
SMA150A
SMA160C
SMA160
SMA150CA
SMA150C
SMA150
SMA130CA
SMA130A
SMA130C
SMA130
SMA120CA
SMA120A
SMA120C
SMA120
SMA110CA
SMA110A
SMA110C
SMA110
SMA100CA
SMA100A
SMA100C
SMA100
SMA90CA
SMA90A
SMA90C
SMA90
SMA85CA
SMA85A
SMA85C
SMA85
SMA78CA
SMA78A
SMA78C
SMA78
SMA75CA
SMA75A
SMA75C
SMA75
SMA70CA
SMA70A
SMA70C
SMA70
SMA64CA
SMA64A
SMA64C
SMA64
SMA60CA
SMA60A
SMA60C
SMA60
SMA58CA
SMA58A
SMA58C
SMA58
SMA54CA
SMA54A
SMA54C
SMA54
SMA51CA
SMA51A
SMA51C
SMA51
SMA48CA
SMA48A
SMA48C
SMA48
SMA45CA
SMA45A
SMA45C
SMA45
SMA43CA
SMA43A
SMA43C
SMA43
SMA40CA
SMA40A
SMA40C
SMA40
SMA36CA
SMA36A
SMA36C
SMA36
3 of 5
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
77.4
69.4
53.3
50.0
50.0
47.7
43
60.5
1.0
76.7
5.2
5.0
43
47.8
54.9
1.0
5.8
5.0
45
63.3
1.0
80.3
5.0
5.0
45
57.5
1.0
72.7
5.5
5.0
48
67.5
1.0
85.5
4.7
5.0
48
53.3
61.3
1.0
5.2
5.0
94.0
77.8
71.1
96.8
66.7
93.6
87.1
60.0
82.4
56.7
51
71.8
1.0
91.1
4.4
5.0
51
56.7
65.2
1.0
4.9
5.0
54
76.0
1.0
96.3
4.2
5.0
54
60.0
69.0
1.0
4.6
5.0
58
64.4
81.6
1.0
103
3.9
5.0
58
64.4
74.1
1.0
4.3
5.0
60
84.5
1.0
107
3.7
5.0
60
66.7
76.7
1.0
4.1
5.0
64
90.1
1.0
114
3.5
5.0
64
71.1
81.8
1.0
103
3.9
5.0
70
98.6
1.0
125
3.2
5.0
70
77.8
89.5
1.0
113
3.5
5.0
75
83.0
105.7
1.0
134
3.0
5.0
75
83.0
95.8
1.0
121
3.3
5.0
78
86.0
109.8
1.0
139
2.9
5.0
78
86.0
99.7
1.0
126
3.2
5.0
85
119.2
1.0
151
2.6
5.0
85
94.0
108.2
1.0
137
2.9
5.0
90
100
126.5
1.0
160
2.5
5.0
90
100
115.5
1.0
146
2.7
5.0
100
111
141.0
1.0
179
2.2
5.0
100
111
128.0
1.0
162
2.5
5.0
110
122
154.5
1.0
196
2.0
5.0
110
122
140.5
1.0
177
2.3
5.0
120
133
169.0
1.0
214
1.9
5.0
120
133
153.0
1.0
193
2.1
5.0
130
144
182.5
1.0
231
1.7
5.0
130
144
165.5
1.0
209
1.9
5.0
150
167
211.5
1.0
268
1.5
5.0
150
167
192.5
1.0
243
1.6
5.0
160
178
226.0
1.0
287
1.4
5.0
160
178
205.0
1.0
259
1.5
5.0
170
189
239.5
1.0
304
1.3
5.0
170
189
217.5
1.0
275
1.5
5.0
TYPE
64.5
44.4
40.0
40.0
36
50.7
1.0
64.3
6.2
5.0
36
46.0
1.0
58.1
6.9
5.0
40
56.3
1.0
71.4
5.6
5.0
40
44.4
51.1
1.0
6.2
5.0
(Uni)
(Bi)
www.sunmate.tw
Marking
(Uni)
(Bi)
RH
WH
RN
JN
VN
JP
VP
JQ
VQ
JR
VR
JS
VS
JT
VT
JU
VU
JV
VV
JW
VW
JX
VX
JY
VY
JZ
VZ
RD
WD
RE
WE
RF
WF
RG
WG
RK
WK
RL
WL
RM
WM
WN
RP
WP
RQ
WQ
RR
WR
RS
WS
RT
WT
RU
WU
RV
WV
SE
XE
SG
XG
SK
XK
SM
XM
SP
XP
SR
XR
RZ
WZ
SD
XD
RW
WW
RX
WX
RY
WY
SF
XF
SH
XH
SL
XL
SN
XN
SQ
XQ


Similar Part No. - SMA24CA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA24 MACOM-SMA24 Datasheet
85Kb / 1P
   5 TO 1500 MHz CASCADABLE AMPLIFIER
logo
Lite-On Technology Corp...
SMA24 LITEON-SMA24 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Tyco Electronics
SMA24 MACOM-SMA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
MIC GROUP RECTIFIERS
SMA24 MIC-SMA24 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
More results

Similar Description - SMA24CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com