Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ2556 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # SZ2556
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SZ2556 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  SZ2556 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SZ2556 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
SZ252H
2.7
80
20
400
1.0
150
1.0
370
SZ253A
3.0
80
20
400
1.0
100
1.0
340
SZ253D
3.3
80
20
400
1.0
40
1.0
320
SZ253G
3.6
70
20
500
1.0
20
1.0
290
SZ253J
3.9
60
15
500
1.0
10
1.0
280
SZ254D
4.3
50
13
500
1.0
3.0
1.0
250
SZ254H
4.7
45
13
500
1.0
3.0
1.0
215
SZ255B
5.1
45
10
500
1.0
1.0
1.5
200
SZ255G
5.6
45
7.0
400
1.0
1.0
2.0
190
SZ256C
6.2
35
4.0
300
1.0
1.0
3.0
170
SZ256I
6.8
35
3.5
300
1.0
50
4.0
155
SZ257F
7.5
35
3.0
200
0.5
50
4.5
140
SZ258C
8.2
25
5.0
200
0.5
50
6.2
130
SZ259B
9.1
25
5.0
200
0.5
50
6.8
120
SZ2510
10
25
7.0
200
0.5
50
7.5
105
SZ2511
11
20
8.0
300
0.5
50
8.2
97
SZ2512
12
20
9.0
350
0.5
0.5
9.1
88
SZ2513
13
20
10
400
0.5
0.5
10
79
SZ2515
15
15
15
500
0.5
0.5
11
71
SZ2516
16
15
15
500
0.5
0.5
12
66
SZ2518
18
15
20
500
0.5
0.5
13
62
SZ2520
20
10
24
600
0.5
0.5
15
56
SZ2522
22
10
25
600
0.5
0.5
16
52
SZ2524
24
10
25
600
0.5
0.5
18
47
SZ2527
27
8.0
30
750
0.25
0.5
20
41
SZ2530
30
8.0
30
1000
0.25
0.5
22
36
SZ2533
33
8.0
35
1000
0.25
0.5
24
33
SZ2536
36
8.0
40
1000
0.25
0.5
27
30
SZ2539
39
6.0
50
1000
0.25
0.5
30
28
SZ2543
43
6.0
50
1000
0.25
0.5
33
26
SZ2547
47
4.0
90
1500
0.25
0.5
36
23
SZ2551
51
4.0
115
1500
0.25
0.5
39
21
SZ2556
56
4.0
120
2000
0.25
0.5
43
19
SZ2562
62
4.0
125
2000
0.25
0.5
47
16
SZ2568
68
4.0
130
2000
0.25
0.5
51
15
SZ2575
75
4.0
135
2000
0.25
0.5
56
14
SZ2582
82
2.7
200
3000
0.25
0.5
62
12
SZ2591
91
2.7
250
3000
0.25
0.5
68
10
SZ25B0
100
2.7
350
3000
0.25
0.5
75
9.4
SZ25B1
110
2.7
450
4000
0.25
0.5
82
8.6
SZ25B2
120
2.0
550
4500
0.25
0.5
91
7.8
SZ25B3
130
2.0
700
5000
0.25
0.5
100
7.0
SZ25B5
150
2.0
1000
6000
0.25
0.5
110
6.4
SZ25B6
160
1.5
1100
6500
0.25
0.5
120
5.8
SZ25B8
180
1.5
1200
7000
0.25
0.5
130
5.2
SZ25D0
200
1.5
1500
8000
0.25
0.5
150
4.7
Note :
( 1 ) The type number listed have a standard tolerance on the nominal zener voltage of
±5.0%.
( 2 ) " SZ " will be omitted in marking on the diode.
www.sunmate.tw


Similar Part No. - SZ2556

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ2556 EIC-SZ2556 Datasheet
38Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
SZ2556 LUGUANG-SZ2556 Datasheet
169Kb / 2P
   Surface Mount Silicon Zener Diodes
logo
SUNMATE electronic Co.,...
SZ2556 SUNMATE-SZ2556 Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
More results

Similar Description - SZ2556

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com