Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA22 Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # SMA22
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA22 Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  SMA22 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA22 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMA22 Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMA22 Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMA22 Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RWM
RWM
SMA440CA
SMA440A
SMA440C
SMA440
SMA400CA
SMA400A
SMA400C
SMA400
SMA350CA
SMA350A
SMA350C
SMA350
SMA300CA
SMA300A
SMA300C
SMA300
SMA250CA
SMA250A
SMA250C
SMA250
SMA220CA
SMA220A
SMA220C
SMA220
SMA210CA
SMA210A
SMA210C
SMA210
SMA200CA
SMA200A
SMA200C
SMA200
SMA190CA
SMA190A
SMA190C
SMA190
SMA180CA
SMA180A
SMA180C
SMA180
4 of 5
180
200
253.8
1.0
321
1.2
5.0
180
200
230.4
1.0
290
1.4
5.0
190
211
267.9
1.0
339
1.2
5.0
190
211
243.2
1.0
306
1.3
5.0
200
222
282.0
1.0
356
1.1
5.0
200
222
256.0
1.0
322
1.2
5.0
210
233
296.1
1.0
375
1.1
5.0
210
233
268.8
1.0
339
1.2
5.0
220
244
310.2
1.0
392
1.0
5.0
220
244
281.6
1.0
355
1.1
5.0
250
278
342.5
1.0
447
0.9
5.0
250
278
309.0
1.0
403
1.0
5.0
300
333
411.0
1.0
535
0.7
5.0
300
333
371.0
1.0
484
0.8
5.0
350
389
479.5
1.0
624
0.6
5.0
350
389
432.0
1.0
565
0.7
5.0
400
444
548.0
1.0
687
0.6
5.0
400
444
494.0
1.0
645
0.6
5.0
440
489
602.8
1.0
786
0.5
5.0
440
489
543.0
1.0
710
0.6
5.0
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(Uni)
(Bi)
www.sunmate.tw
ST
XT
SX
XX
SZ
XZ
ZE
YE
ZG
YG
ZK
YK
ZM
YM
ZP
YP
ZR
YR
Marking
(Uni)
(Bi)
SS
XS
SU
XU
SV
XV
SW
XW
SY
XY
ZD
YD
ZF
YF
ZH
YH
ZL
YL
ZN
YN
ZQ
YQ


Similar Part No. - SMA22

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA22 LITEON-SMA22 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMA22 MIC-SMA22 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Gulf Semiconductor
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
Lite-On Technology Corp...
SMA22A LITEON-SMA22A Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMA22A MIC-SMA22A Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMA22

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com