Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC5.0A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SMC5.0A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMC5.0A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMC5.0A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMC5.0A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMC5.0A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMC5.0A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMC5.0A Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMC5.0A(CA) - SMC440A(CA)
VOLTAGE RANGE: 5.0 - 440V
POWER: 1500Wa t t s
1 of 5
Maximum Ratings @ T
A = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25
°C) (Note 1)
PPK
1500
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3)
IFSM
200
A
Steady State Power Dissipation @ TL = 75
°C
PM(AV)
5.0
W
Instantaneous Forward Voltage @ IPP = 100A
(Notes 1 & 3)
VF
See Note 5
V
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Features
2. Thermal Resistance junction to Lead.
NOTES:1. Non-repetitive current pulse ,per Fig. 3 and derated above TA=25℃ per Fig. 1.
3. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only).
!
!
!
!
www.sunmate.tw
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
Mechanical Data
!
!
!
!
!


Similar Part No. - SMC5.0A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMC5.7-102J100J31-TR12 KEMET-SMC5.7-102J100J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, General Purpose, 100 VDC@125C
SMC5.7-102J50J31-TR12 KEMET-SMC5.7-102J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-103J100J31-TR12 KEMET-SMC5.7-103J100J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, General Purpose, 100 VDC@125C
SMC5.7-103J50J31-TR12 KEMET-SMC5.7-103J50J31-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, General Purpose, 50 VDC@125C
SMC5.7-104J50J35-TR12 KEMET-SMC5.7-104J50J35-TR12 Datasheet
76Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, General Purpose, 50 VDC@125C
More results

Similar Description - SMC5.0A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMF26CA SUNMATE-SMF26CA Datasheet
718Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com