Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7010 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7010
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7010 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7010 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D7010
APPLICATION NOTES
OPERATIONAL DESCRIPTION
The 3D7010 ten-tap delay line architecture is
shown in Figure 1. The delay line is composed
of a number of delay cells connected in series.
Each delay cell produces at its output a replica of
the signal present at its input, shifted in time.
The delay cells are matched and share the same
compensation signals, which minimizes tap-to-
tap delay deviations over temperature and supply
voltage variations.
INPUT SIGNAL CHARACTERISTICS
The Frequency and/or Pulse Width (high or low)
of operation may adversely impact the specified
delay accuracy of the particular device. The
reasons for the dependency of the output delay
accuracy on the input signal characteristics are
varied and complex. Therefore a Maximum and
an Absolute Maximum operating input
frequency and a Minimum and an Absolute
Minimum operating pulse width have been
specified.
OPERATING FREQUENCY
The Absolute Maximum Operating Frequency
specification, tabulated in Table 1, determines
the highest frequency of the delay line input
signal that can be reproduced, shifted in time at
the device output, with acceptable duty cycle
distortion.
The Maximum Operating Frequency
specification determines the highest frequency of
the delay line input signal for which the output
delay accuracy is guaranteed.
To guarantee the Table 1 delay accuracy for
input frequencies higher than the Maximum
Operating Frequency, the 3D7010 must be
tested at the user operating frequency.
Therefore, to facilitate production and device
identification, the part number will include a
custom reference designator identifying the
intended frequency of operation. The
programmed delay accuracy of the device is
guaranteed, therefore, only at the user specified
input frequency. Small input frequency variation
about the selected frequency will only marginally
impact the programmed delay accuracy, if at all.
Nevertheless, it is strongly recommended that
the engineering staff at DATA DELAY
DEVICES be consulted.
OPERATING PULSE WIDTH
The Absolute Minimum Operating Pulse
Width (high or low) specification, tabulated in
Table 1, determines the smallest Pulse Width of
the delay line input signal that can be
reproduced, shifted in time at the device output,
with acceptable pulse width distortion.
The Minimum Operating Pulse Width (high or
low) specification determines the smallest Pulse
Width of the delay line input signal for which the
output delay accuracy tabulated in Table 1 is
guaranteed.
To guarantee the Table 1 delay accuracy for
input pulse width smaller than the Minimum
Operating Pulse Width, the 3D7010 must be
tested at the user operating pulse width.
Therefore, to facilitate production and device
identification, the part number will include a
VDD
O1
IN
O2
O3
O4
Temp & VDD
Compensation
GND
Figure 1: 3D7010 Functional Diagram
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
O5
O6
O7
O8
O9
O10
Doc #96004
DATA DELAY DEVICES, INC.
2
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7010

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7005 DATADELAY-3D7005 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-100 DATADELAY-3D7005-100 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-125 DATADELAY-3D7005-125 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-150 DATADELAY-3D7005-150 Datasheet
160Kb / 4P
   All Silicon Delay Line
3D7005-200 DATADELAY-3D7005-200 Datasheet
160Kb / 4P
   All Silicon Delay Line
More results

Similar Description - 3D7010

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
3D7220 DATADELAY-3D7220 Datasheet
232Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7220)
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D3220 DATADELAY-3D3220 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
   MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com