Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7010 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part No. 3D7010
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

3D7010 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D7010
MONOLITHIC 10-TAP
FIXED DELAY LINE
(SERIES 3D7010)
FEATURES
All-silicon, low-power CMOS technology*
TTL/CMOS compatible inputs and outputs
Vapor phase, IR and wave solderable
Auto-insertable (DIP package)
Low ground bounce noise
Leading- and trailing-edge accuracy
Delay range: 8 through 500ns
Delay tolerance: 5% or 2ns
Temperature stability:
±3% typical (0C-70C)
Vdd stability:
±2% typical (4.75V-5.25V)
Minimum input pulse width: 20% of total
delay
FUNCTIONAL DESCRIPTION
The 3D7010 10-Tap Delay Line product family consists of fixed-delay
CMOS integrated circuits. Each package contains a single delay line,
tapped and buffered at 10 points spaced uniformly in time. Tap-to-tap
(incremental) delay values can range from 8ns through 50ns. The input
is reproduced at the outputs without inversion, shifted in time as per the
user-specified dash number. The 3D7010 is TTL- and CMOS-
compatible, capable of driving ten 74LS-type loads, and features both
rising- and falling-edge accuracy.
The all-CMOS 3D7010 integrated circuit has been designed as a
reliable, economic alternative to hybrid TTL fixed delay lines. It is
offered in a standard 14-pin auto-insertable DIP and a space saving
surface mount 16-pin SOIC.
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
IN
N/C
O2
O4
O6
O8
GND
VDD
O1
O3
O5
O7
O9
O10
3D7010
DIP
3D7010G Gull-Wing
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
N/C
N/C
O2
O4
O6
O8
GND
VDD
N/C
O1
O3
O5
O7
O9
O10
3D7010S
SOL (300 Mil)
PIN DESCRIPTIONS
IN
Delay Line Input
O1
Tap 1 Output (10%)
O2
Tap 2 Output (20%)
O3
Tap 3 Output (30%)
O4
Tap 4 Output (40%)
O5
Tap 5 Output (50%)
O6
Tap 6 Output (60%)
O7
Tap 7 Output (70%)
O8
Tap 8 Output (80%)
O9
Tap 9 Output (90%)
O10
Tap 10 Output (100%)
VDD +5 Volts
GND Ground
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
TOLERANCES
INPUT RESTRICTIONS
DIP-14
3D7010
3D7010G
SOIC-16
3D7010S
TOTAL
DELAY
(ns)
TAP-TO-TAP
DELAY
(ns)
Max Operating
Frequency
Absolute Max
Oper. Freq.
Min Operating
Pulse Width
Absolute Min
Oper. P.W.
-80
-80
80
± 4.0
8.0
± 1.5
4.17 MHz
31.2 MHz
120.0 ns
16.0 ns
-90
-90
90
± 4.5
9.0
± 1.7
3.70 MHz
27.8 MHz
135.0 ns
18.0 ns
-100
-100
100
± 5.0
10.0
± 2.0
3.33 MHz
25.0 MHz
150.0 ns
20.0 ns
-150
-150
150
± 7.5
15.0
± 2.0
2.22 MHz
16.7 MHz
225.0 ns
30.0 ns
-200
-200
200
± 10.0
20.0
± 2.5
1.67 MHz
12.5 MHz
300.0 ns
40.0 ns
-250
-250
250
± 12.5
25.0
± 2.5
1.33 MHz
10.0 MHz
375.0 ns
50.0 ns
-300
-300
300
± 15.0
30.0
± 3.0
1.11 MHz
8.33 MHz
450.0 ns
60.0 ns
-400
-400
400
± 20.0
40.0
± 4.0
0.83 MHz
6.25 MHz
600.0 ns
80.0 ns
-500
-500
500
± 25.0
50.0
± 5.0
0.67 MHz
5.00 MHz
750.0 ns
100.0 ns
NOTE:
Any dash number between 80 and 500 not shown is also available.
1996 Data Delay Devices
For mechanical dimensions, click
here.
Doc #96004
DATA DELAY DEVICES, INC.
1
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn