Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7010 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part No. 3D7010
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7010 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D7010 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7010 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D7010
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT1
OUT2
OUT4
OUT3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
OUT5
OUT6
OUT8
OUT7
OUT10
OUT9
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #96004
DATA DELAY DEVICES, INC.
4
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
3D3220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D3220 1  2  3  4  Data Delay Devices, Inc.
3D7110 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7110 1  2  3  4  5  Data Delay Devices, Inc.
3D7220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1  2  3  4  Data Delay Devices, Inc.
3D3225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D3225 1  2  3  4  Data Delay Devices, Inc.
3D7105 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7105 1  2  3  4  Data Delay Devices, Inc.
3D3314 MONOLITHIC QUAD FIXED DELAY LINE SERIES 3D3314 1  2  3  4  5  Data Delay Devices, Inc.
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
3D7314 MONOLITHIC QUADRUPLE FIXED DELAY LINE SERIES 3D7314 1  2  3  4  Data Delay Devices, Inc.
DDU7F 10-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU7F 1  2  3  4  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn