Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

3D7010 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part No. 3D7010
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

3D7010 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D7010
Doc #96004
DATA DELAY DEVICES, INC.
3
12/2/96
3 Mt. Prospect Ave. Clifton, NJ 07013
APPLICATION NOTES (CONT’D)
custom reference designator identifying the
intended frequency and duty cycle of operation.
The programmed delay accuracy of the device is
guaranteed, therefore, only for the user specified
input characteristics. Small input pulse width
variation about the selected pulse width will only
marginally impact the programmed delay
accuracy, if at all. Nevertheless, it is strongly
recommended that the engineering staff at
DATA DELAY DEVICES be consulted.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The monolithic 3D7010 programmable delay line
utilizes novel and innovative compensation
circuitry to minimize the delay variations induced
by fluctuations in power supply and/or
temperature.
The thermal coefficient is reduced to 600
PPM/C, which is equivalent to a variation , over
the 0C-70C operating range, of
±3% from the
room-temperature delay settings. The power
supply coefficient is reduced, over the 4.75V-
5.25V operating range, to
±2% of the delay
settings at the nominal 5.0VDC power supply. It
is essential that the power supply pin be
adequately bypassed and filtered. In addition,
the power bus should be of as low an
impedance construction as possible. Power
planes are preferred.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
15
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
10
µA
VIH = VDD
Low Level Input Current
IIL
-250
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 10 * CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/tap (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn