Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-04H Datasheet(PDF) 15 Page - Cypress Semiconductor

Part No. W320-04H
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

W320-04H Datasheet(HTML) 15 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
W320-04
Document #: 38-07010 Rev. *B
Page 15 of 18
Test Circuit
Note: All capacitors must be placed as close to the pins as is physically possible.
4, 9, 15, 20, 27, 31, 36, 41
VDD_REF, VDD_PCI,
OUTPUTS
W320-04
Note: Each supply pin must have an individual decoupling capacitor.
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
Rs
Rs
Rp
Rp
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
8, 14, 19, 26, 32, 37, 46, 50
0.7V amplitude: RS = 33 ohm, RP = 50 ohm
0.7V Test Load
2pF
2pF
Ordering Information
Ordering Code
Package Type
Operating Range
W320-04H
W320-04X
56-pin SSOP
56-pin TSSOP
Commercial 0
°C TO 70°C
4, 9, 15, 20, 27, 31, 36, 41
VDD_REF, VDD_PCI,
OUTPUTS
W320-04
VDD_3V66, VDD_CORE
VDD_48 MHz, VDD_CPU
Test
Nodes
CPU
Ref,USB Outputs
PCI,3V66 Outputs
30 pF
20 pF
Test Node
Test Node
8, 14, 19, 26, 32, 37, 46 ,50
1.0V Test Load
2pF
2pF
33
33
63.4
63.4
475
1.0V Amplitude


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn