Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-04H Datasheet(PDF) 14 Page - Cypress Semiconductor

Part No. W320-04H
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

W320-04H Datasheet(HTML) 14 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
W320-04
Document #: 38-07010 Rev. *B
Page 14 of 18
Layout Example
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
6
7
13
19
20
24
G = VIA to GND plane layer.
V = VIA to respective supply plane layer.
Note: Each supply plane or strip should have a ferrite bead and capacitors.
1
2
3
4
5
8
9
11
12
14
15
16
17
22
23
21
25
26
27
28
40
39
18
41
10
31
30
29
36
35
34
33
32
37
38
FB
+3.3V Supply
C2
Ceramic Caps C1 = 10–22 µF
10
µF
FB = Dale ILB1206 - 300 or 2TDKACB2012L-120 or 2 Murata BLM21B601S.
0.005
µF
G
G
VDDQ3
C1
C5 = 0.1
µF C6 = 10 µF
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
G
VDDQ3
C5
C6
8 Ω
G
V
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
C2 = 0.005
µF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn