Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-04H Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. W320-04H
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

W320-04H Datasheet(HTML) 6 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
W320-04
Document #: 38-07010 Rev. *B
Page 6 of 18
Data Byte 4
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
TBD
N/A
R
0
Bit 6
TBD
N/A
R
0
Bit 5
33
3V66_0
3V66_0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 4
35
3V66_1/VCH
3V66_1/VCH Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 3
24
66IN/3V66_5
3V66_5 Output Enable
1 = Enable; 0 = Disable
NOTE: This bit should be used when pin 24 is configured
as 3v66_5 output. Do not clear this bit when pin 24 is
configured as 66in input.
R/W
1
Bit 2
23
66BUFF2
66-MHz Buffered 2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
22
66BUFF1
66-MHz Buffered 1 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 0
21
66BUFF0
66-MHz Buffered 0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 5
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
N/A
N/A
R
0
Bit 6
N/A
N/A
R
0
Bit 5
66BUFF [2:0]
Tpd 66IN to 66BUFF propagation delay control
R/W
0
Bit 4
66BUFF [2:0]
R/W
0
Bit 3
DOT
DOT edge rate control
R/W
0
Bit 2
DOT
R/W
0
Bit 1
USB
USB edge rate control
R/W
0
Bit 0
USB
R/W
0
Byte 6: Vendor ID
Bit
Description
Type
Power On Default
Bit 7
Revision Code Bit 3
R
0
Bit 6
Revision Code Bit 2
R
0
Bit 5
Revision Code Bit 1
R
0
Bit 4
Revision Code Bit 0
R
0
Bit 3
Vendor ID Bit 3
R
1
Bit 2
Vendor ID Bit 2
R
0
Bit 1
Vendor ID Bit 1
R
0
Bit 0
Vendor ID Bit 0
R
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn