Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W320-04H Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. W320-04H
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

W320-04H Datasheet(HTML) 5 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
W320-04
Document #: 38-07010 Rev. *B
Page 5 of 18
Data Byte 1
Bit
Pin#
Name
Description
Type
Power On
Default
Bit 7
N/A
CPU Mult0 Value
R
N/A
Bit 6
52, 49,
45
CPU0:2
Three-State CPU0:2 during power down
0 = Normal; 1 = Three-stated
R/W
0
Bit 5
44, 45
CPU2
CPU2#
Allow Control of CPU2 with assertion of CPU_STOP#
0 = Not free running; 1 = Free running
R/W
0
Bit 4
48, 49
CPU1
CPU1#
Allow Control of CPU1 with assertion of CPU_STOP#
0 = Not free running;1 = Free running
R/W
0
Bit 3
51, 52
CPU0
CPU0#
Allow Control of CPU0 with assertion of CPU_STOP#
0= Not free running; 1 = Free running
R/W
0
Bit 2
44, 45
CPU2
CPU2#
CPU2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
48, 49
CPU1
CPU1#
CPU1Output Enable
1 = Enabled; 0= Disabled
R/W
1
Bit 0
51, 52
CPU0
CPU0#
CPU0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 2
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
N/A
N/A
R
0
Bit 6
18
PCI6
PCI6 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 5
17
PCI5
PCI5 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 4
16
PCI4
PCI4 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 3
13
PCI3
PCI3 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 2
12
PCI2
PCI2 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 1
11
PCI1
PCI1 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Bit 0
10
PCI0
PCI0 Output Enable
1 = Enabled; 0 = Disabled
R/W
1
Data Byte 3
Bit
Pin#
Name
Pin Description
Type
Power On
Default
Bit 7
38
DOT
DOT 48-MHz Output Enable
R/W
1
Bit 6
39
USB
USB 48-MHz Output Enable
R/W
1
Bit 5
7
PCI_F2
Allow control of PCI_F2 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 4
6
PCI_F1
Allow control of PCI_F1 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 3
5
PCI_F0
Allow control of PCI_F0 with assertion of PCI_STOP#
0 = Free running; 1 = Stopped with PCI_STOP#
R/W
0
Bit 2
7
PCI_F2
PCI_F2 Output Enable
R/W
1
Bit 1
6
PCI_F1
PCI_F1Output Enable
R/W
1
Bit 0
5
PCI_F0
PCI_F0 Output Enable
R/W
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn