Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54-367W Datasheet(PDF) 1 Page - NTE Electronics

Part # 54-367W
Description  Waterproof Toggle Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

54-367W Datasheet(HTML) 1 Page - NTE Electronics

  54-367W Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
159
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Waterproof Toggle Switches
Bat Handle
Features
Waterproof: IP56
Single Pole Types
Internal “O” Ring for Moisture and Dust Resistance
.250” Quick Connect Terminals
NTE
Type No.
Circuitry
Current
Rating
Action
Actuator
Diag
No.
54-348W#
SPST
B
ON
NONE
OFF
Brass/Nickel Plate
S115b
54-349W
SPDT
A
ON
NONE
ON
Brass/Nickel Plate
S115b
54-350W
SPDT
A
ON
OFF
ON
Brass/Nickel Plate
S115b
54-352W##
SPDT
A
(ON)
OFF
(ON)
Brass/Nickel Plate
S115b
54-354W
SPST
B
ON
NONE
OFF
Brass/Nickel Plate
S115c
54-355W##
SPDT
A
ON
NONE
ON
Brass/Nickel Plate
S115c
54-356W
SPDT
A
ON
OFF
ON
Brass/Nickel Plate
S115c
54-358W##
SPDT
A
(ON)
OFF
(ON)
Brass/Nickel Plate
S115c
SPECIAL NOTE: ( ) = Momentary Function
# UL for 16 Amp ONLY
## UL for 12 Amp ONLY
S115
.250
(6.35)
.315
(10.5)
.370
(9.39)
#6−32NC−2 Thread
.286
(7.26)
.141 (3.58)
Terminal Types
b: .250” Tab (Q.C.)
c: Screw (Assembled)
Keway
1.161 (29.5)
15/32 32 NS
Thread
.413
(10.5)
.689 (17.5)
.669
(17.0)
.433 (11.0)
)
4
.
5
1
(
6
0
6
.
)
6
.
7
(
9
9
2
.
.551 (14.0)
Specifications
Current Rating:
A: 16A 277VAC, 1 HP
B: 20A 277VAC, 1 HP
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: +32 to +149 F (0 to +65 C)
Electrical Life: 6,000 cycles
Mechanical Life: 10,000 cycles at full load
Terminal Type: Refer to Diag No. in Table
Mounting Hole: .472 (12.0)
Bat Handle
Features
Waterproof: IP56
Double Pole Types
Internal “O” Ring for Moisture and Dust Resistance
.250” Quick Connect Terminals
NTE
Type No.
Circuitry
Current
Rating
Action
Actuator
Diag
No.
54-360W
DPDT
A
ON
NONE
ON
Brass/Nickel Plate
S114b
54-361W
DPDT
A
ON
OFF
ON
Brass/Nickel Plate
S114b
54-364W
DPDT
A
(ON)
OFF
(ON)
Brass/Nickel Plate
S114b
54-366W##
DPST
B
ON
NONE
OFF
Brass/Nickel Plate
S114b
54-367W
DPST
B
ON
NONE
OFF
Brass/Nickel Plate
S114c
54-369W
DPDT
A
ON
NONE
ON
Brass/Nickel Plate
S114c
54-370W##
DPDT
A
ON
OFF
ON
Brass/Nickel Plate
S114c
54-373W
DPDT
A
(ON)
OFF
(ON)
Brass/Nickel Plate
S114c
SPECIAL NOTE: ( ) = Momentary Function
## UL for 12 Amp ONLY
S114
.250
(6.35)
.315
(10.5)
.370
(9.39)
#6−32NC−2 Thread
.286
(7.26)
.141 (3.58)
Terminal Types
b: .250” Tab (Q.C.)
c: Screw (Assembled)
15/32−32 NS−2
1.220 (31.0)
.791
(20.1)
.689
(17.5)
.413 (10.5)
1.224
(31.1)
.846 (21.5)
Specifications
Current Rating:
A: 16A 250VAC, 1 HP
B: 20A 277VAC, 1 HP
Insulation Resistance: 100 Megohms (min.) at 500VDC
Dielectric Strength: 1500V RMS (min.)
Temperature Rating: +32 to +149 F (0 to +65 C)
Electrical Life: 6,000 cycles
Mechanical Life: 10,000 cycles at full load
Terminal Type: Refer to Diag No. in Table
Mounting Hole: .472 (12.0)


Similar Part No. - 54-367W

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
54-367-005 SPECTRUM-54-367-005 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
54-367-005 APITECH-54-367-005 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
Spectrum Microwave, Inc...
54-367-006 SPECTRUM-54-367-006 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
logo
API Technologies Corp
54-367-006 APITECH-54-367-006 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
Spectrum Microwave, Inc...
54-367-007 SPECTRUM-54-367-007 Datasheet
313Kb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 54-367W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com