Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54-001 Datasheet(PDF) 8 Page - NTE Electronics

Part # 54-001
Description  Toggle Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

54-001 Datasheet(HTML) 8 Page - NTE Electronics

Back Button 54-001 Datasheet HTML 4Page - NTE Electronics 54-001 Datasheet HTML 5Page - NTE Electronics 54-001 Datasheet HTML 6Page - NTE Electronics 54-001 Datasheet HTML 7Page - NTE Electronics 54-001 Datasheet HTML 8Page - NTE Electronics 54-001 Datasheet HTML 9Page - NTE Electronics 54-001 Datasheet HTML 10Page - NTE Electronics 54-001 Datasheet HTML 11Page - NTE Electronics 54-001 Datasheet HTML 12Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
145
NTE Electronics, Inc. Voice (973) 748−5089 FAX (973) 748−6224 http://www.nteinc.com
Toggle Switches
Bat Handle
Features
Slow Make, Slow Break Contacts
Heavy Duty AC Rated Also Suitable for Low Voltage DC
Applications
Industry Standard .500” Dia Mounting Hole
Various Terminal Selections
NTE
Type No.
Circuitry
Current
Rating
Action
Actuator
Diag
No.
54−003
DPDT
A
ON
NONE
ON
Brass/Nickel Plate
S4b
54−004
DPST
A
ON
NONE
OFF
Brass/Nickel Plate
S4b
54−011
DPST
A
ON
NONE
OFF
Brass/Nickel Plate
S4c
54−012
DPDT
A
ON
OFF
ON
Brass/Nickel Plate
S4b
54−013
DPDT
A
ON
OFF
ON
Brass/Nickel Plate
S4c
54−093
SPST
B
ON
NONE
OFF
Brass/Nickel Plate
S4c
54−095
SPDT
B
ON
OFF
ON
Brass/Nickel Plate
S4c
54−099
DPDT
E
ON
NONE
ON
Brass/Nickel Plate
S4c
54−100
DPDT
B
ON
OFF
ON
Brass/Nickel Plate
S4c
54−101
DPDT
C
ON
NONE
(ON)
Brass/Nickel Plate
S4a
54−103
SPST
A
(ON)
NONE
OFF
Brass/Nickel Plate
S4c
54−104
SPST
A
ON
NONE
(OFF)
Brass/Nickel Plate
S4c
54−137*
SPST
D
ON
NONE
OFF
Brass/Nickel Plate
S4a
SPECIAL NOTE: ( ) = Momentary Function
* SP in DP case.
S4
Terminal Types
15/32−32 UNS−2A
Thread
Keyway
.072 (1.82) x
.038 (.965) DP
.750 (19.05)
1.308 (33.22)
.650 (16.5)
min
.778 (19.76) max
.465 (11.81)
min
.335 (8.5)
min
.075 (1.91) Dia
.250
(6.35)
.437
(11.08)
.370
(9.39)
#6−32NC−2 Thread
.286
(7.26)
.141 (3.58)
b: .250” Tab (Q.C.)
c: Screw (Assembled)
.125 (3.18) Dia
.330
(8.38)
.187
(4.74)
a: Solder Lug
Specifications
Current Rating:
A: 15A 125VAC, 10A 250VAC, 3/4 HP 125−250VAC
B: 20A 125−277VAC, 1 1/2 HP 125VAC, 2 HP 250VAC
C: 6A 125VAC, 3A 250VAC, 1/4HP 125−250VAC
D: 20A 250VAC
E: 10A 277VAC, 20A 125VAC, 1 1/2 HP 125−250VAC
Insulation Resistance: 100 Megohms (min.)
Dielectric Strength: 1000V RMS (min.), 1500V (54−099 only)
Temperature Rating: +32 to +185 F (0 to +85 C)
Electrical Life: 25,000 cycles
Mechanical Life: 100,000 cycles
Terminal Type: Refer to Diag No. in Table
Mounting Hole: .500 (12.7)
Bat Handle
NTE
Type No.
Circuitry
Action
Actuator
Diag
No.
54−014
3PST
OFF
NONE
ON
Brass/Nickel Plate
S10c
54−015
3PDT
ON
OFF
ON
Brass/Nickel Plate
S10c
54−016
3PST
ON
NONE
ON
Brass/Nickel Plate
S10c
54−017
4PDT
ON
OFF
ON
Brass/Nickel Plate
S10c
54−018
4PST
OFF
NONE
ON
Brass/Nickel Plate
S10c
54−019
4PDT
ON
NONE
ON
Brass/Nickel Plate
S10c
15/32−32 UNS−2A
or M12 (.750)
Thread
S10
Terminal Types
.370
(9.39)
#6−32NC−2 Thread
.286 (7.26)
.141 (3.58)
c: Screw (Assembled)
1.308
(33.22)
.803
(20.4)
.422
(10.72)
.687
(17.44)
Max
.465
(11.81)
1.088
(27.64)
Keyway
.072 (1.82) x
.038 (.965) DP
1.436 (36.47)
1.436 (36.47)
4 Pole Type
Specifications
Current Rating:
15A 125VAC, 10A 250VAC, 3/4 HP 125-250VAC, 1, 2 or 3 Phase
Insulation Resistance: 100 Megohms (min.)
Dielectric Strength: 1000V RMS (min.)
Temperature Rating: 0 to +150 F (−17.8 to +65.6 C)
Electrical Life: 50,000 cycles
Mechanical Life: 100,000 cycles
Terminal Type: Screw Type
Mounting Hole: .500 (12.7) Max.


Similar Part No. - 54-001

ManufacturerPart #DatasheetDescription
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00203 JDSU-54-00203 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

Similar Description - 54-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
7105A ETC2-7105A Datasheet
79Kb / 1P
   toggle switches
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
logo
List of Unclassifed Man...
10TL020 ETC2-10TL020 Datasheet
142Kb / 1P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com