Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8762HGLE Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8762HGLE
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762HGLE Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8762HGLE Datasheet HTML 2Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 3Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 4Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 5Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 6Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 7Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 8Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 9Page - Monolithic Power Systems MP8762HGLE Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
6
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN#
16-Pin
QFN
Name
Description
1
EN
Enable pin. EN is a digital input that turns the regulator on or off. Drive EN high to turn
on the regulator, drive it low to turn it off. Connect EN to IN through a pull-up resistor
or a resistive voltage divider for automatic startup. Do not float this pin. See Enable
Control section for more details.
2
FREQ
Frequency set during CCM operation. A resistor connected between FREQ and IN is
required to set the switching frequency.
The ON time is determined by the input
voltage and the resistor connected to the FREQ pin. IN connect through a resistor is
used for line feed-forward and makes the frequency basically constant during input
voltage’s variation.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. It is recommended to place the resistor divider as close to FB
pin as possible. Vias should be avoided on the FB traces.
4
SS
Soft Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
5
AGND
Analog ground. Select this pin as the control circuit reference point.
6
PG
Power good output, the output of this pin is an open drain signal and a pull-up resistor
connected to a DC voltage is required to indicate high if the output voltage is higher
than 91% of the nominal voltage. There is a delay from FB ≥ 91% to PGOOD goes
high.
7
VCC
Internal 4.8V LDO output. The driver and control circuits are powered from this
voltage. Decouple with a minimum 1µF ceramic capacitor as close to the pin as
possible. X7R or X5R grade dielectric ceramic capacitors are recommended for their
stable temperature characteristics.
8
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
9, 14
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP8762H operates from a +2.5V to +18V input rail with 5V external bias and a +4.5V
to +18V input rail with internal bias. An input capacitor is needed to decouple the input
rail. Use wide PCB traces and multiple vias to make the connection.
10,11,12,
13
PGND
System Ground. This pin is the reference ground of the regulated output voltage. For
this reason care must be taken in PCB layout. Use wide PCB traces to make the
connection.
15, 16
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is
driven up to the VIN voltage by the high-side switch during the on-time of the PWM
duty cycle. The inductor current drives the SW pin negative during the off-time. The
on-resistance of the low-side switch and the internal Schottky diode fixes the negative
voltage. Use wide PCB traces to make the connection.


Similar Part No. - MP8762HGLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8762GL MPS-MP8762GL Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8762GLE MPS-MP8762GLE Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
More results

Similar Description - MP8762HGLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
   High Efficiency, 10A, 18V Synchronous Step-down Converter
MPQ8636A-10 MPS-MPQ8636A-10 Datasheet
1Mb / 22P
   High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
   High Efficiency, 10A, 18V Synchronous, Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
   3A, 18V High Efficiency Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
   3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1486 ETA-ETA1486 Datasheet
218Kb / 1P
   4A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
   High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com