Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP5402M Datasheet(PDF) 15 Page - Monolithic Power Systems

Part No. MP5402M
Description  5A, 36V, Frequency Selectable Step-Down Converter with Smart Dual USB Charging Ports
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

MP5402M Datasheet(HTML) 15 Page - Monolithic Power Systems

 
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP5402M – STEP-DOWN CONVERTER WITH SMART DUAL USB CHARGING PORTS
MP5402M Rev.1.0
www.MonolithicPower.com
15
10/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
4. Use a large copper plane for SW, USB1,
and USB2.
5. Route the USB1 and USB2 traces on
both PCB layers.
6. Add multiple vias.
7. Place two ceramic input decoupling
capacitors as close as possible to IN
and PGND to improve EMI performance.
8. Place a VCC decoupling capacitor as
close as possible to VCC.
NOTE:
8) The recommended layout is based on the typical application
circuit on the next page (see Figure 6) .
(4.78cm х 1.38cm)
For CLA application (4 layer), 2Oz per layer PCBA is recommended
Figure 5: PC Board Layout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn