Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SZ14FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SZ14FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ14FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ14FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ14FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SZ14F/FU
2002-04-01
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SZ14F,TC7SZ14FU
Schmitt Inverter
Features
· High output drive: ±24 mA (min) @VCC = 3 V
· High speed: tpd = 3.7 ns (typ.) @VCC = 5 V, 50 pF
· Wide operating voltage range: VCC (opr) = 1.65 to 5.5 V
· High latch-up immunity: Higher than or equal to ±500 mA
· High ESD : Higher than or equal to ±200 V (JEITA)
: Higher than or equal to ±2000 V (MIL)
· Power-down protection is provided on all inputs and outputs.
· Matches the performance of TC74LCX Series when operated
at 3.3 V
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
-0.5 to 6
V
DC input voltage
VIN
-0.5 to 6
V
DC output voltage
VOUT
-0.5 to 6
V
Input diode current
IIK
-20
mA
Output diode current
IOK
-20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
-65 to 150
°C
Lead temperature (10 s)
TL
260
°C
TC7SZ14F
TC7SZ14FU
Weight:
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
Type name
J
A
Marking
Pin Assignment (top view)
GND
1
2
3
5
4
VCC
OUT Y
NC
IN A
Preliminary


Similar Part No. - TC7SZ14FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ14FU TOSHIBA-TC7SZ14FU Datasheet
169Kb / 6P
   Schmitt Inverter
TC7SZ14FU TOSHIBA-TC7SZ14FU Datasheet
169Kb / 6P
   Schmitt Inverter
More results

Similar Description - TC7SZ14FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com