Electronic Components Datasheet Search |
|
SNJ55451BJG Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SNJ55451BJG Datasheet(HTML) 2 Page - Texas Instruments |
2 / 9 page SN55451B, SN55452B, SN55453B, SN55454B SN75451B, SN75452B, SN75453B, SN75454B DUAL PERIPHERAL DRIVERS SLRS021B – DECEMBER 1976 – REVISED SEPTEMBER 1999 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) SN55’ SN75’ UNIT Supply voltage, VCC (see Note 1) 7 7 V Input voltage, VI 5.5 5.5 V Inter-emitter voltage (see Note 2) 5.5 5.5 V Off-state output voltage, VO 30 30 V Continuous collector or output current, IOK (see Note 3) 400 400 mA Peak collector or output current, II (tw ≤ 10 ms, duty cycle ≤ 50%, see Note 4) 500 500 mA Continuous total power dissipation See Dissipation Rating Table Operating free-air temperature range, TA – 55 to 125 0 to 70 °C Storage temperature range, Tstg – 65 to 150 – 65 to 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds JG package 300 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds D or P package 260 °C NOTES: 1. Voltage values are with respect to network GND, unless otherwise specified. 2. This is the voltage between two emitters of a multiple-emitter transistor. 3. This value applies when the base-emitter resistance (RBE) is equal to or less than 500 Ω. 4. Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time interval must fall within the continuous dissipation rating. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C TA = 125°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING A POWER RATING D 725 mW 5.8 mW/ °C 464 mW — FK 1375 mW 11.0 mW/ °C 880 mW 275 mW JG 1050 mW 8.4 mW/ °C 672 mW 210 mW P 1000 mW 8.0 mW/ °C 640 mW — recommended operating conditions SN55’ SN75’ UNIT MIN NOM MAX MIN NOM MAX UNIT Supply voltage, VCC 4.5 5 5.5 4.75 5 5.25 V High-level input voltage, VIH 2 2 V Low-level input voltage, VIL 0.8 0.8 V Operating free-air temperature, TA –55 125 0 70 °C |
Similar Part No. - SNJ55451BJG |
|
Similar Description - SNJ55451BJG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |