Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP22D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP22D
Description  2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22D Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVCP22D Datasheet HTML 1Page - Texas Instruments SN65LVCP22D Datasheet HTML 2Page - Texas Instruments SN65LVCP22D Datasheet HTML 3Page - Texas Instruments SN65LVCP22D Datasheet HTML 4Page - Texas Instruments SN65LVCP22D Datasheet HTML 5Page - Texas Instruments SN65LVCP22D Datasheet HTML 6Page - Texas Instruments SN65LVCP22D Datasheet HTML 7Page - Texas Instruments SN65LVCP22D Datasheet HTML 8Page - Texas Instruments SN65LVCP22D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SEL1
SEL0
IN0+
IN0-
VCC
IN1+
IN1-
NC
EN0
EN1
OUT0+
OUT0-
GND
OUT1+
OUT1-
NC
D or PW PACKAGE
(TOP VIEW)
NC - No internal connection
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
over recommended operating conditions unless otherwise noted
parameter
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSET
Input to SEL setup time
See Figure 6
1
0.5
ns
tHOLD
Input to SEL hold time
See Figure 6
1.1
0.5
ns
tSWITCH
SEL to switched output
See Figure 6
1.7
2.5
ns
tPHZ
Disable time, high-level-to-high-impedance
See Figure 5
2
4
ns
tPLZ
Disable time, low-level-to-high-impedance
See Figure 5
2
4
ns
tPZH
Enable time, high-impedance -to-high-level output
See Figure 5
2
4
ns
tPZL
Enable time, high-impedance-to-low-level output
See Figure 5
2
4
ns
tLHT
Differential output signal rise time (20%-80%)(1)
CL = 5 pF, See Figure 4
150
280
450
ps
tHLT
Differential output signal fall time (20%-80%)(1)
CL = 5 pF, See Figure 4
150
280
450
ps
VID = 200 mV, 50% duty cycle,
20
40
ps
VCM = 1.2 V, 500 MHz, CL = 5 pF
tJIT
Added peak-to-peak jitter
VID = 200 mV, PRBS = 223-1 data pattern,
50
105
ps
VCM = 1.2 V at 1000 Mbps, CL = 5 pF
VID = 200 mV, 50% duty cycle,
tJrms
Added random jitter (rms)
1.1
1.8
psRMS
VCM = 1.2 V at 500 MHz, CL = 5 pF
tPLHD
Propagation delay time, low-to-high-level output(1)
400
650
1000
ps
tPHLD
Propagation delay time, high-to-low-level output(1)
400
650
1000
ps
tskew
Pulse skew (|tPLHD– tPHLD|)(2)
CL = 5 pF, See Figure 4
20
100
ps
tCCS
Output channel-to-channel skew, splitter mode
CL = 5 pF, See Figure 4
10
50
ps
fMAX
Maximum operating frequency(3)
1
GHz
(1)
Input: VIC = 1.2 V, VID = 200 mV, 50% duty cycle, 1 MHz, tr/tf = 500 ps
(2)
tskew is the magnitude of the time difference between the tPLHD and tPHLD of any output of a single device.
(3)
Signal generator conditions: 50% duty cycle, tr or tf ≤ 100 ps (10% to 90%), transmitter output criteria: duty cycle = 45% to 55% VOD
300 mV.
5
Submit Documentation Feedback


Similar Part No. - SN65LVCP22D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22D TI-SN65LVCP22D Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DG4 TI-SN65LVCP22DG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DR TI-SN65LVCP22DR Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DRG4 TI-SN65LVCP22DRG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com