Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP22 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP22
Description  2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVCP22 Datasheet HTML 1Page - Texas Instruments SN65LVCP22 Datasheet HTML 2Page - Texas Instruments SN65LVCP22 Datasheet HTML 3Page - Texas Instruments SN65LVCP22 Datasheet HTML 4Page - Texas Instruments SN65LVCP22 Datasheet HTML 5Page - Texas Instruments SN65LVCP22 Datasheet HTML 6Page - Texas Instruments SN65LVCP22 Datasheet HTML 7Page - Texas Instruments SN65LVCP22 Datasheet HTML 8Page - Texas Instruments SN65LVCP22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
THERMAL CHARACTERISTICS
0
1
0
1
OUT 0
OUT 1
EN 0
EN 1
SEL 1
SEL 0
IN 0
IN 0
IN 1
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE DESIGNATOR
PART NUMBER(1)
SYMBOLIZATION
SOIC
SN65LVCP22D
LVCP22
TSSOP
SN65LVCP22PW
LVCP22
(1)
Add the suffix R for taped and reeled carrier
CIRCUIT BOARD
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
MODEL
POWER RATING
ABOVE TA = 25°C
POWER RATING
SOIC (D)
High-K(2)
1361 mW
13.9 mW/
°C
544 mW
TSSOP (PW)
High-K(2)
1074 mW
10.7 mW/
°C
430 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
PARAMETER
TEST CONDITIONS
VALUE
UNITS
D
11.2
θ
JB
Junction-to-board thermal resistance
°C/W
PW
18.4
D
23.7
θ
JC
Junction-to-case thermal resistance
°C/W
PW
16.0
Typical
VCC = 3.3 V, TA = 25°C, 1 Gbps
198
PD
Device power dissipation
mW
Maximum
VCC = 3.6 V, TA = 85°C, 1 Gbps
313
FUNCTION TABLE
SEL0
SEL1
OUT0
OUT1
FUNCTION
0
0
IN0
IN0
1:2 Splitter
0
1
IN0
IN1
Repeater
1
0
IN1
IN0
Switch
1
1
IN1
IN1
1:2 Splitter
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - SN65LVCP22

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22D TI-SN65LVCP22D Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DG4 TI-SN65LVCP22DG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DR TI-SN65LVCP22DR Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP22DRG4 TI-SN65LVCP22DRG4 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1022 FAIRCHILD-FIN1022 Datasheet
547Kb / 10P
   2 X 2 LVDS High Speed Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS90CP22 NSC-DS90CP22 Datasheet
350Kb / 10P
   2X2 800 Mbps LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com