Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFCW-1062+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # LFCW-1062+
Description  Low Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCW-1062+ Datasheet(HTML) 2 Page - Mini-Circuits

  LFCW-1062+ Datasheet HTML 1Page - Mini-Circuits LFCW-1062+ Datasheet HTML 2Page - Mini-Circuits LFCW-1062+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Ceramic
LFCW-1062+
Electrical Specifications1,2 at 25°C
Parameter
F#
Frequency (GHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC - F1
DC - 10.6
2.8
dB
Freq. cut-off
F2
10.8
3.0
dB
VSWR
DC - F1
DC - 10.6
2.2
:1
Stop Band
Rejection Loss
F3
12
20
dB
F4 - F5
12.16 - 12.86
25
31
:1
F6
15.21
20
dB
50Ω
DC1 to 10.6 GHz
Low Pass Filter
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Applications
• Harmonic Rejection
• VHF/UHF transmitters / receivers
• lab use
Features
• Good power handling, 4W
• Small size 0603 (1.6 x 0.8 mm)
• 7 sections
• Temperature stable
• LTCC construction
Maximum Ratings
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
RF Power Input*
4W at 25°C
0
10
20
30
40
0
5
10
15
20
FREQUENCY (GHz)
LFCW-1062+
INSERTION LOSS
0
20
40
60
80
100
120
0
5
10
15
20
FREQUENCY (GHz)
LFCW-1062+
VSWR
Functional Schematic
CASE STYLE: JC0603C-1
REV. B
M151107
ED-15030/1
LFCW-1062+
MY/CP/AM
150818
Specification Definition
Typical Performance Data at 25°C
Frequency
(GHz)
Insertion Loss
(dB)
VSWR
(:1)
20
3
40
1
F2 F3
F1
DC
F4
F5
F6
FREQUENCY
R F IN
R F OUT
0.01
0.07
1.00
0.50
0.10
1.03
1.00
0.13
1.07
3.00
0.23
1.21
5.00
0.24
1.01
7.00
0.44
1.38
9.00
0.69
1.34
10.00
1.00
1.18
10.60
1.56
1.38
11.10
3.10
1.69
12.00
32.69
15.76
12.16
35.14
21.74
12.86
32.64
44.06
13.86
26.86
86.35
15.21
21.54
100.15
18.00
16.11
31.94
20.00
15.72
49.40
1
In Application where DC voltage is present at either input or output port, coupling capacitors are required.
2
Measured on Mini-Circuits Characterization Test Board TB-720+
*Passband rating, derate linearly to 1.6W at 100°C ambient (Reference AN-75-005)
Permanent damage may occur if any of these limits are exceeded.
Pad Connections
Input
1
Output
3
Ground
2,4
Top View
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000


Similar Part No. - LFCW-1062+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCW-1062++ MINI-LFCW-1062+ Datasheet
433Kb / 1P
   Low Pass Filters
REV. OR
More results

Similar Description - LFCW-1062+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com